Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RG30AA-TR Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RN5RG30AA-TR
Description  VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RG30AA-TR Datasheet(HTML) 3 Page - RICOH electronics devices division

  RN5RG30AA-TR Datasheet HTML 1Page - RICOH electronics devices division RN5RG30AA-TR Datasheet HTML 2Page - RICOH electronics devices division RN5RG30AA-TR Datasheet HTML 3Page - RICOH electronics devices division RN5RG30AA-TR Datasheet HTML 4Page - RICOH electronics devices division RN5RG30AA-TR Datasheet HTML 5Page - RICOH electronics devices division RN5RG30AA-TR Datasheet HTML 6Page - RICOH electronics devices division RN5RG30AA-TR Datasheet HTML 7Page - RICOH electronics devices division RN5RG30AA-TR Datasheet HTML 8Page - RICOH electronics devices division RN5RG30AA-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RN5RG
×××× ×× ← Part Number
↑↑↑
ab c
d
RN5RG
2
SELECTION GUIDE
The output voltage, the version, the packing type, and the taping type for the ICs can be selected at the user's
request.
The selection can be made by designating the part number as shown below :
For example, the product with Output Voltage 5.0V, Version A, and Taping Type TR is designated by Part
Number RN5RG50AA-TR.
Code
Contents
Setting Output Voltage (VOUT):
a
Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V is possible.
bA
Designation of Packing Type:
c
A: Taping
C: Antistatic bag for samples
Designation of Taping Type:
d
Ex.
TR, TL
(refer to Taping Specifications)
“TR” is prescribed as a standard.


Similar Part No. - RN5RG30AA-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
RN5RF30AA RICOH-RN5RF30AA Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
RN5RF30AA-TL RICOH-RN5RF30AA-TL Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
RN5RF30AA-TR RICOH-RN5RF30AA-TR Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
RN5RF30AC RICOH-RN5RF30AC Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
More results

Similar Description - RN5RG30AA-TR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
logo
Seiko Instruments Inc
S-816 SII-S-816 Datasheet
645Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Maxim Integrated Produc...
MAX8704 MAXIM-MAX8704 Datasheet
787Kb / 13P
   High-Current, Low-Voltage Linear Regulator with Power-Limited, External MOSFET
Rev 0; 9/04
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
   Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
STMicroelectronics
LPR30 STMICROELECTRONICS-LPR30 Datasheet
94Kb / 10P
   LOW DROP VOLTAGE REGULATOR DRIVE FOR EXTERNAL N-CHANNEL POWER MOSFET
May 2000
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com