Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RG30AC Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RN5RG30AC
Description  VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RG30AC Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RN5RG30AC Datasheet HTML 3Page - RICOH electronics devices division RN5RG30AC Datasheet HTML 4Page - RICOH electronics devices division RN5RG30AC Datasheet HTML 5Page - RICOH electronics devices division RN5RG30AC Datasheet HTML 6Page - RICOH electronics devices division RN5RG30AC Datasheet HTML 7Page - RICOH electronics devices division RN5RG30AC Datasheet HTML 8Page - RICOH electronics devices division RN5RG30AC Datasheet HTML 9Page - RICOH electronics devices division RN5RG30AC Datasheet HTML 10Page - RICOH electronics devices division RN5RG30AC Datasheet HTML 11Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RN5RG
8
4) Output Voltage vs.Temperature
5) Supply Current vs. Input Voltage
6) Supply Current vs. Temperature
VIN=4V,IOUT=10mA
0
2.95
2.97
2.99
3.01
3.03
3.05
20
40
60
80 100
-20
-40
-60
Temperature Topt (˚C)
RN5RG30A
VIN=6V,IOUT=10mA
0
5
5.02
5.04
5.06
5.08
5.1
20
40
60
80 100
-20
-40
-60
Temperature Topt (˚C)
RN5RG50A
Input Voltage VIN(V)
IOUT=0mA
34
67
5
0
10
20
30
40
50
60
70
80
90
100
8
2
RN5RG30A
Topt=-40˚C
25˚C
85˚C
VIN=4V,IOUT=0mA
0
60
50
40
30
20
10
RN5RG30A
0
20
40
60
80
100
-20
-40
-60
Temperature Topt (˚C)
VIN=6V,IOUT=0mA
0
60
50
40
30
20
10
RN5RG50A
0
20
40
60
80 100
-20
-40
-60
Temperature Topt (˚C)
Input Voltage VIN(V)
IOUT=0mA
46
7
5
0
10
20
30
40
50
60
70
80
90
100
8
RN5RG50A
Topt=-40˚C
25˚C
85˚C


Similar Part No. - RN5RG30AC

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
RN5RF30AA RICOH-RN5RF30AA Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
RN5RF30AA-TL RICOH-RN5RF30AA-TL Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
RN5RF30AA-TR RICOH-RN5RF30AA-TR Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
RN5RF30AC RICOH-RN5RF30AC Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
More results

Similar Description - RN5RG30AC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF Datasheet
134Kb / 12P
   LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
logo
Seiko Instruments Inc
S-816 SII-S-816 Datasheet
645Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Maxim Integrated Produc...
MAX8704 MAXIM-MAX8704 Datasheet
787Kb / 13P
   High-Current, Low-Voltage Linear Regulator with Power-Limited, External MOSFET
Rev 0; 9/04
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
   Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
STMicroelectronics
LPR30 STMICROELECTRONICS-LPR30 Datasheet
94Kb / 10P
   LOW DROP VOLTAGE REGULATOR DRIVE FOR EXTERNAL N-CHANNEL POWER MOSFET
May 2000
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com