Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0353130460 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0353130460
Description  3.96mm (.156") Pitch Header, Vertical, Shrouded, with Positive Lock, 4 Circuits, PAPolyamide (Nylon) 6/6, Glass-filled, Natural, Lead-free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0353130460 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0353130460 Datasheet HTML 1Page - Molex Electronics Ltd. 0353130460 Datasheet HTML 2Page - Molex Electronics Ltd. 0353130460 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0353130460
Status:
Active
Description:
3.96mm (.156") Pitch Header, Vertical, Shrouded, with Positive Lock, 4 Circuits, PA
Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-free
Documents:
3D Model
Product Specification PS-35156-004 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
35313
Application
Wire-to-Board
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.134 In
PC Tail Length (mm)
3.40 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Pitch - Term. Interface (in)
0.156 In
Pitch - Term. Interface (mm)
3.96 mm
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5
Plating min: Termination (µin)
200
Plating min: Termination (µm)
5
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35313Series
Mates With
35156 Wire-to-Board Housing


Similar Part No. - 0353130460

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0353130260 MOLEX4-0353130260 Datasheet
140Kb / 3P
   3.96mm (.156") Pitch Header, Vertical, Shrouded, with Positive Lock, 2 Circuits, PAPolyamide (Nylon) 6/6, Glass-filled, Natural
0353130360 MOLEX4-0353130360 Datasheet
140Kb / 3P
   3.96mm (.156") Pitch Header, Vertical, Shrouded, with Positive Lock, 3 Circuits, PAPolyamide (Nylon) 6/6, Glass-filled, Natural, Lead-free
0353130560 MOLEX4-0353130560 Datasheet
140Kb / 3P
   3.96mm (.156") Pitch Header, Vertical, Shrouded, with Positive Lock, 5 Circuits, PAPolyamide (Nylon) 6/6, Glass-filled, Natural
0353130660 MOLEX4-0353130660 Datasheet
140Kb / 3P
   3.96mm (.156") Pitch Header, Vertical, Shrouded, with Positive Lock, 6 Circuits, PAPolyamide (Nylon) 6/6, Glass-filled, Natural, Lead-free
0353130960 MOLEX4-0353130960 Datasheet
140Kb / 3P
   3.96mm (.156") Pitch Header, Vertical, Shrouded, with Positive Lock, 9 Circuits, PAPolyamide (Nylon) 6/6, Glass-filled, Natural, Lead-free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com