Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5421N112C-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R5421N112C-TR
Description  Li-lon BATTERY PROTECTOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5421N112C-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R5421N112C-TR Datasheet HTML 3Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 4Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 5Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 6Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 7Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 8Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 9Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 10Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Rev.1.11
- 7 -
q
R5421N151F
Topt=25°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VDD1
Operating input voltage
Voltage defined as VDD - VSS
1.5
10
V
Vst
Minimum operating
Voltage for 0V charging
Voltage defined as VDD - V- ,
VDD - VSS=0V
1.2
V
VDET1
Over-charge threshold
Detect rising edge of supply
Voltage
Topt=25°C
Topt=0 to 50°C
*Note
4.225
4.220
4.250
4.250
4.275
4.280
V
V
VREL1
Release voltage for over-
charge detection
4.000
4.050
4.100
V
tVDET1
Output delay of over-
Charge
C3=0.01µF, VDD=3.6V to 4.3V
60
75
90
ms
VDET2
Over-discharge threshold
Detect falling edge of supply
Voltage
2.437
2.500
2.563
V
tVDET2
Output delay of over-
Discharge
VDD=3.6V to 2.4V
7
10
13
ms
VDET3
Excess current threshold
Detect rising edge of 'V-' pin
Voltage
0.17
0.20
0.23
V
tVDET3
Output delay of excess
Current
VDD=3.0V
9
13
17
ms
Vshort
Short protection voltage
VDD=3.0V
VDD-1.2
VDD-0.9
VDD-0.6
V
tshort
Output Delay of Short
protection
VDD=3.0V
5
50
µs
Rshort
Reset resistance for excess
current protection
VDD=3.6V, V- =1.0V
50
100
150
k
Vol1
Nch ON voltage of COUT
Iol=50µA, VDD=4.4V
0.35
0.5
V
Voh1
Pch ON voltage of COUT
Ioh=-50µA, VDD=3.9V
3.4
3.7
V
Vol2
Nch ON voltage of DOUT
Iol=50µA, VDD=2.2V
0.2
0.5
V
Voh2
Pch ON voltage of DOUT
Ioh=-50µA, VDD=3.9V
3.4
3.7
V
IDD
Supply current
VDD=3.9V,V- =0V
3.0
6.0
µA
Istandby
Standby current
VDD=2.0V
1.0
2.0
µA
*Note: Considering of variation in process parameters, we compensate for this characteristic related to temperature by laser-
trim, however, this specification is guaranteed by design, not production tested.


Similar Part No. - R5421N112C-TR

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
R542-000-080 HAMMOND-R542-000-080 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-082 HAMMOND-R542-000-082 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-084 HAMMOND-R542-000-084 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-086 HAMMOND-R542-000-086 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-120 HAMMOND-R542-000-120 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
More results

Similar Description - R5421N112C-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9541 ETC-RT9541 Datasheet
194Kb / 8P
   LI LON BATTERY PROTECTOR
logo
RICOH electronics devic...
R5422N111C RICOH-R5422N111C Datasheet
85Kb / 9P
   Li-lon BATTERY PROTECTOR?
RN5VM111C RICOH-RN5VM111C Datasheet
180Kb / 25P
   Li-lon BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
   1A Standalone Linear Li-lon Battery Charger
logo
SHOUDING Shouding Semic...
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
   Linear Li-Lon Battery Charger High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com