Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5422N112E Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R5422N112E
Description  Li-lon BATTERY PROTECTOR?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5422N112E Datasheet(HTML) 1 Page - RICOH electronics devices division

  R5422N112E Datasheet HTML 1Page - RICOH electronics devices division R5422N112E Datasheet HTML 2Page - RICOH electronics devices division R5422N112E Datasheet HTML 3Page - RICOH electronics devices division R5422N112E Datasheet HTML 4Page - RICOH electronics devices division R5422N112E Datasheet HTML 5Page - RICOH electronics devices division R5422N112E Datasheet HTML 6Page - RICOH electronics devices division R5422N112E Datasheet HTML 7Page - RICOH electronics devices division R5422N112E Datasheet HTML 8Page - RICOH electronics devices division R5422N112E Datasheet HTML 9Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
’99.12.9
PRELIMINARY
Li-Ion BATTERY PROTECTOR
R5422NxxxC/xxxE series
Rev. 0.01
- 1 -
n OUTLINE
The R5422NxxxC/E Series are protection ICs for over-charge/discharge of rechargeable one-cell Lithium-ion (Li+) excess load
current, further include a short circuit protector for preventing large external short circuit current.
Each of these ICs is composed of three voltage detectors, a reference unit, a delay circuit, a short circuit protector, and a logic
circuit. When charging voltage crosses the detector threshold from a low value to a value higher than VDET1, the output of COUT
pin, the output of over-charge detector/VD1, switches to low level, charger's negative pin level after the delay time by setting an
external capacitor. After detecting over-charge the VD1 can be reset and the output of COUT becomes high when the VDD voltage
is coming down to a level lower than “VREL1”, or when a kind of loading is connected to VDD after a charger is disconnected from
the battery pack while the VDD level is in between “VDET1” and “VREL1” in the R5422NxxxC/E version.
The output of DOUT pin, the output of over-discharge detector/VD2, switches to low level after internally fixed delay time passed,
when discharging voltage crosses the detector threshold from a high value to a value lower than VDET2.
After R5422NxxxC/E Series detect the over-discharge voltage, connect a charger to the battery pack, and when the battery
supply voltage becomes higher than the over-discharge detector threshold, VD2 is released and the voltage of DOUT becomes
“H” level.
An excess load current can be sensed and cut off after internally fixed delay time passed through the built in excess current
detector, VD3, with DOUT being enabled to low level. Once after detecting excess current, the VD3 is released and DOUT level
switches to high by detaching a battery pack from a load system.
Further, short circuit protector makes DOUT level to low immediately with external short circuit current and removing external
short circuit leads DOUT level to high. After detecting over-discharge, supply current will be kept extremely low by halt some
internal circuits operation. Output type of COUT and DOUT is CMOS. 6-pin, SOT23-6 is available.
n FEATURES
l High Voltage Process Technology
Absolute Maximum Rating of Voltage level between VDD-V- 28v
l Low supply current....................................................Supply current
Typ. 6.0µA
Standby current (detecting over-discharge)
Typ. 0.1µA
l High accuracy detector threshold ..............................Over-charge detector (Topt=25°C)
±25mV
(Topt=0 to 50°C)
±30 mV
Over-discharge detector
±2.5%
Excess current detector
±20mV
l Variety of detector threshold .....................................Over-charge detector threshold
4.0V - 4.5V step of 0.01V
Over-discharge detector threshold
2.0V - 3.0V step of 0.01V
l Built-in protection circuit ..........................................Excess current protection
0.05V - 0.4V step of 0.01V
l Output delay of over-charge......................................Time delay at C=0.01µF tVDET1=75ms, tVREL1=20ms
l Output delay of over-discharge .................................Internally fixed TYP. 17ms
l Output delay of excess-current
Internally fixed TYP. 10ms
l 2 Over-current modes
Excess Current Mode / Short Mode
l Charging Available / non-available at 0V Cell
Acceptable of 0V Cell
C version
Non-acceptable of 0V Cell E versi on
l Small package............................................................SOT-23-6 / 6-pin
n APPLICATIONS
l Li+ one-cell protector for battery pack


Similar Part No. - R5422N112E

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
R542-000-080 HAMMOND-R542-000-080 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-082 HAMMOND-R542-000-082 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-084 HAMMOND-R542-000-084 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-086 HAMMOND-R542-000-086 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-120 HAMMOND-R542-000-120 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
More results

Similar Description - R5422N112E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9541 ETC-RT9541 Datasheet
194Kb / 8P
   LI LON BATTERY PROTECTOR
logo
RICOH electronics devic...
R5421N111C RICOH-R5421N111C Datasheet
147Kb / 19P
   Li-lon BATTERY PROTECTOR
RN5VM111C RICOH-RN5VM111C Datasheet
180Kb / 25P
   Li-lon BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
   1A Standalone Linear Li-lon Battery Charger
logo
SHOUDING Shouding Semic...
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
   Linear Li-Lon Battery Charger High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com