Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5323N001B-TR Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R5323N001B-TR
Description  SOT23-6 150mA 2ch LDO REGULATORS?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323N001B-TR Datasheet(HTML) 5 Page - RICOH electronics devices division

  R5323N001B-TR Datasheet HTML 1Page - RICOH electronics devices division R5323N001B-TR Datasheet HTML 2Page - RICOH electronics devices division R5323N001B-TR Datasheet HTML 3Page - RICOH electronics devices division R5323N001B-TR Datasheet HTML 4Page - RICOH electronics devices division R5323N001B-TR Datasheet HTML 5Page - RICOH electronics devices division R5323N001B-TR Datasheet HTML 6Page - RICOH electronics devices division R5323N001B-TR Datasheet HTML 7Page - RICOH electronics devices division R5323N001B-TR Datasheet HTML 8Page - RICOH electronics devices division R5323N001B-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Rev. 1.10
- 5 -
s TEST CIRCUITS
C1
VOUT2222
V
C3
C2
I OUT1
V
VOUT
1
GND
CE1
CE2
V OUT1
VDD
R5323N
SERIES
VOUT2
I OUT2
A
I SS
C1
C3
C2
GND
CE1
CE2
VOUT1
V DD
R5323N
SERIES
VOUT2
Fig.1 Standard test Circuit
Fig.2 Supply Current Test Circuit
Pulse
Generator
C3
C2
IOUT
1
I OUT2
GND
CE1
CE2
VOUT1
V DD
R5323N
SERIES
VOUT2
PG
I OUT1a
C1
C3
C2
I OUT2b
GND
CE1
CE2
V
OUT1
VDD
R5323N
SERIES
VOUT2
I OUT1b
I
OUT
2
Fig.3 Ripple Rejection, Line Transient Response Test
Circuit
Fig.4 Load Transient Response Test Circuit
s TYPICAL APPLICATION
C3
C2
VDD
CE2
CE1
V OUT2
GND
6
4
5
1
3
2
R5323NXXXX
SERIES
V OUT1
OUT1
OUT2
C1
IN
(External Components) Output Capacitor; Ceramic Type


Similar Part No. - R5323N001B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5323N001B RICOH-R5323N001B Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
More results

Similar Description - R5323N001B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com