Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5323N001B Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R5323N001B
Description  SOT23-6 150mA 2ch LDO REGULATORS?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323N001B Datasheet(HTML) 4 Page - RICOH electronics devices division

  R5323N001B Datasheet HTML 1Page - RICOH electronics devices division R5323N001B Datasheet HTML 2Page - RICOH electronics devices division R5323N001B Datasheet HTML 3Page - RICOH electronics devices division R5323N001B Datasheet HTML 4Page - RICOH electronics devices division R5323N001B Datasheet HTML 5Page - RICOH electronics devices division R5323N001B Datasheet HTML 6Page - RICOH electronics devices division R5323N001B Datasheet HTML 7Page - RICOH electronics devices division R5323N001B Datasheet HTML 8Page - RICOH electronics devices division R5323N001B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Rev. 1.10
- 4 -
s ELECTRICAL CHARACTERISTICS
q
R5323NXXXA/B
Topt=25
°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT
Output Voltage
VIN = Set VOUT+1V
1mA
≤ IOUT ≤ 30mA
VOUT
×0.98
VOUT
×1.02
V
IOUT
Output Current
VIN - VOUT = 1.0V
150
mA
∆VOUT/∆IOUT
Load Regulation
VIN = Set VOUT+1V
1mA
≤ IOUT ≤ 150mA
15
40
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT
VOLTAGE
ISS
Supply Current
VIN = Set VOUT+1V
90
120
µA
Istandby
Supply Current (Standby)
VIN = Set VOUT+1V
VCE = GND
0.1
1.0
µA
∆VOUT/∆VIN
Line Regulation
Set VOUT+0.5V
≤ VIN ≤ 6V
IOUT = 30mA
0.02
0.10
%/V
RR
Ripple Rejection
Ripple 0.5Vp-p VIN = Set
VOUT+1V
IOUT = 30mA
( In case that VOUT
≤1.7V,
VIN = Set VOUT+1.2V)
75
*Note1
65
*Note2
dB
VIN
Input Voltage
2.0
6.0
V
∆VOUT/∆T
Output Voltage
Temperature Coefficient
IOUT = 30mA
-40
°C ≤ Topt ≤ 85°C
±100
ppm
/
°C
Ilim
Short Current Limit
VOUT = 0V
40
mA
RPD
CE Pull-down Resistance
0.7
2.0
8.0
M
VCEH
CE Input Voltage “H”
1.5
VIN
V
VCEL
CE Input Voltage “L”
0.0
0.3
V
en
Output Noise
BW=10Hz to 100kHz
30
µVrms
RLOW
Low Output Nch Tr. ON
Resistance (of B version)
VCE=0V
60
Note1: f=1kHz, 70dB as to VOUT
≥2.5V Output type.
Note2: f=10kHz, 60dB as to VOUT
≥2.5V Output type.
q
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Topt = 25
°C
Dropout Voltage
VDIF (V)
Output Voltage
VOUT (V)
Condition
TYP.
MAX.
VOUT = 1.5
0.38
0.70
VOUT = 1.6
0.35
0.65
VOUT = 1.7
0.33
0.60
1.8
≤ VOUT ≤ 2.0
0.32
0.55
2.1
≤ VOUT ≤ 2.7
0.28
0.50
2.8
≤ VOUT ≤ 4.0
IOUT = 150mA
0.22
0.35
*Recommended Ceramic capacitor for Output: GRM219R61A105K(Murata)
General Example of External Components
Ceramic Capacitors: C1608X5R0J105K (TDK)
GRM188R60J105K (Murata)


Similar Part No. - R5323N001B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5323N001B RICOH-R5323N001B Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
More results

Similar Description - R5323N001B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com