Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5323N001B Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R5323N001B
Description  SOT23-6 150mA 2ch LDO REGULATORS?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323N001B Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R5323N001B Datasheet HTML 6Page - RICOH electronics devices division R5323N001B Datasheet HTML 7Page - RICOH electronics devices division R5323N001B Datasheet HTML 8Page - RICOH electronics devices division R5323N001B Datasheet HTML 9Page - RICOH electronics devices division R5323N001B Datasheet HTML 10Page - RICOH electronics devices division R5323N001B Datasheet HTML 11Page - RICOH electronics devices division R5323N001B Datasheet HTML 12Page - RICOH electronics devices division R5323N001B Datasheet HTML 13Page - RICOH electronics devices division R5323N001B Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Rev. 1.10
- 10 -
5)
Supply Current vs. Input Voltage (Topt=25
°C)
1.5V
0
20
40
60
80
100
01
234
56
Input Voltage VIN[V]
VR1
VR2
2.8V
0
20
40
60
80
100
0123
456
Input Voltage VIN[V]
VR1
VR2
4.0V
0
20
40
60
80
100
01
234
56
Input Voltage VIN[V]
VR1
VR2
6)
Supply Current vs. Temperature
1.5V(VR1)
0
20
40
60
80
100
-50
-25
0
25
50
75
100
Temperature Topt
1.5V(VR2)
0
20
40
60
80
100
-50
-25
0
255075
100
Temperature Topt
(
°C)
VIN=2.5V
(
°C)
VIN=2.5V


Similar Part No. - R5323N001B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5323N001B RICOH-R5323N001B Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
More results

Similar Description - R5323N001B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com