Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0350699002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0350699002
Description  Crimp Terminal 35069, Female, 18 AWG, Brass, Tin (Sn) Plating, Reel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0350699002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0350699002 Datasheet HTML 1Page - Molex Electronics Ltd. 0350699002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0350699002
Status:
Active
Description:
Crimp Terminal 35069, Female, 18 AWG, Brass, Tin (Sn) Plating, Reel
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35191-003 (PDF)
General
Product Family
Crimp Terminals
Series
35069
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.60mm (.142") max.
Wire Size AWG
18
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-35191-003
Sales Drawing
SD-35069-*00*
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35069Series
Use With
35191-0200 Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
T2 Terminator Die
0638509000
FineAdjust™
Applicator
0638609000
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0350699002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0350689702 MOLEX4-0350689702 Datasheet
138Kb / 2P
   MP-Lock??Quick Disconnect, Female, for 20-22 AWG (0.52-0.33mm짼), Metal Strip, Tab 4.75 by 0.50mm (.187 by .020"), Pre-Tin Plated
0350689722 MOLEX4-0350689722 Datasheet
118Kb / 2P
   MP-Lock??Quick Disconnect, Female, for 20-22 AWG (0.52-0.33mm짼), Metal StripTab 4.75 by 0.80mm (.187 by .031"), Pre-Tin Plated
0350689802 MOLEX4-0350689802 Datasheet
146Kb / 3P
   MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm짼), Metal StripTab 4.75 by 0.50mm (.187 by .020"), Pre-Tin Plated, Insertion Force 1.0-2.2kgf(9.8-21.6N)
0350689812 MOLEX4-0350689812 Datasheet
120Kb / 2P
   MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm짼), Metal StripTab 4.75 by 0.30mm (.187 by .012"), Pre-Tin Plated
0350689822 MOLEX4-0350689822 Datasheet
136Kb / 2P
   MP-Lock??Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm짼), Metal StripTab 4.75 by 0.80mm (.187 by .031"), Pre-Tin Plated
More results

Similar Description - 0350699002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008500008 MOLEX1-0008500008 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Reel, Brass Tin (Sn)
0002081001 MOLEX1-0002081001_18 Datasheet
31Kb / 1P
   MLX Female Crimp Terminal 42024, 14-20 AWG, Reel, Brass, Tin (Sn) Plating
0351009002 MOLEX4-0351009002 Datasheet
74Kb / 2P
   Crimp Terminal 35100, Reel, Tin (Sn) Brass Tin (Sn)
0002082003 MOLEX1-0002082003_18 Datasheet
30Kb / 1P
   MLX Male Crimp Terminal 42023, 14-20 AWG, Reel, Brass, Tin (Sn) Plating
0460121141 MOLEX1-0460121141 Datasheet
83Kb / 1P
   Mini-Fit Plus Crimp Terminal, 18-20 AWG, Reel, Tin (Sn) Plating
0986581212 MOLEX1-0986581212_18 Datasheet
34Kb / 1P
   MOX Crimp Terminal, Female, 0.635mm, 18-22 AWG (0.75mm짼), Reel, Tin (Sn)
0008500105 MOLEX1-0008500105 Datasheet
242Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2478, 18-24 AWG, Reel, Brass Tin (Sn)
0008030303 MOLEX1-0008030303 Datasheet
135Kb / 4P
   KK짰 Crimp Terminal 4366, 18-24 AWG, Reel Tin (Sn)
0005060117 MOLEX1-0005060117 Datasheet
138Kb / 4P
   Flat Blade Crimp Terminal, Series 1508, Female, With Tin (Sn) Plated Brass Contact, 14-18 AWG (or 18 AWG Double Crimp), Reel Packaged
1730420001 MOLEX1-1730420001 Datasheet
40Kb / 1P
   ValuSeal Crimp Terminal, Female, 16-18 AWG, Tin (Sn)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com