Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1280D002C Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1280D002C
Description  2CH PWM DC/DC Controller?
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1280D002C Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1280D002C Datasheet HTML 1Page - RICOH electronics devices division R1280D002C Datasheet HTML 2Page - RICOH electronics devices division R1280D002C Datasheet HTML 3Page - RICOH electronics devices division R1280D002C Datasheet HTML 4Page - RICOH electronics devices division R1280D002C Datasheet HTML 5Page - RICOH electronics devices division R1280D002C Datasheet HTML 6Page - RICOH electronics devices division R1280D002C Datasheet HTML 7Page - RICOH electronics devices division R1280D002C Datasheet HTML 8Page - RICOH electronics devices division R1280D002C Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Rev. 1.10
- 5 -
s
ELECTRICAL CHARACTERISTICS
q
R1280D002A
(Topt=25
°C)
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VIN
Operating Input Voltage
2.5
5.5
V
VREFOUT VREFOUT Voltage Tolerance
VIN=3.3V, IOUT=1mA
1.478
1.500
1.522
V
IROUT
VREFOUT Output Current
VIN=3.3V
20
mA
∆VREFOUT
/
∆VIN
VREFOUT Line Regulation
2.5V
≤ VIN ≤ 5.5V
26
mV
∆VREFOUT
/
∆IOUT
VREFOUT Load Regulation
1mA
≤ IROUT ≤ 10mA
VIN=3.3V
612
mV
ILIM
VREFOUT Short Current Limit VIN=3.3V, VREFOUT=0V
25
mA
∆VREFOUT
/
∆T
VREFOUT Voltage
Temperature Coefficient
-40
°C≤ Topt ≤ 85°C
±150
ppm/
°C
VFB1
VFB1 Voltage
VIN=3.3V
0.985
1.000
1.015
V
∆VFB1/
∆T VFB1 Voltage
Temperature Coefficient
-40
°C≤ Topt ≤ 85°C
±150
ppm/
°C
IFB1,2
IFB1,2 Input Current
VIN=5.5V,VFB1 or VFB2=0V or 5.5V
-0.1
0.1
µA
fOSC
Oscillator Frequency
EXT1,2 Pins at no load, VIN=3.3V
595
700
805
kHz
IDD1
Supply Current
VIN=5.5V, EXT1,2 pins at no load
1.4
3.0
mA
REXTH1 EXT1 “H” ON Resistance
VIN=3.3V, IEXT=-20mA
4.0
8.0
REXTL1 EXT1 “L” ON Resistance
VIN=3.3V, IEXT=20mA
2.7
5.0
REXTH2 EXT2 “H” ON Resistance
VIN=3.3V, IEXT=-20mA
4.0
8.0
REXTL2 EXT2 “L” ON Resistance
VIN=3.3V, IEXT=20mA
3.7
8.0
TDLY
Delay Time for Protection
VIN=3.3V, VFB1=1.1V
→0V
60
100
140
ms
VUVLOD UVLO Detector Threshold
2.10
2.20
2.35
V
VUVLO UVLO Released Voltage
VUVLOD
+0.10
2.45
V
VDTC10 CH1 Duty=0%
VIN=3.3V
0.1
0.2
0.3
V
VDTC1100 CH1 Duty=100%
VIN=3.3V
1.1
1.2
1.3
V
VDTC20 CH2 Duty=0%
VIN=3.3V
0.1
0.2
0.3
V
VDTC2100 CH2 Duty=100%
VIN=3.3V
1.1
1.2
1.3
V
AV1
CH1 Open Loop Gain
VIN=3.3V
110
dB
FT1
CH1 Single Gai n Frequency
Band
VIN=3.3V, AV1=0dB
1.9
MHz
VICR1
CH1 Input Voltage Range
VIN=3.3V
0.7 to
VIN
V
IAMPL
CH1 Sink Current
VIN=3.3V, VAMPOUT1=1.0V,
VFB1=VFB1+ 0.1V
70
115
µA
IAMPH
CH1 Source Current
VIN=3.3V, VAMPOUT1=1.0V,
VFB1=VFB1- 0.1V
-1.4
-0.7
mA
AV2
CH2 Open Loop Gain
VIN=3.3V
60
dB
FT1
CH2 Single Gain Frequency
Band
VIN=3.3V, AV2=0dB
3
MHz
VICR1
CH2 Input Voltage Range
VIN=3.3V,
-0.2 to
VIN-1.3
V
VFB2
CH2 Input Offset Voltage
VIN=3.3V,
-12
12
mV


Similar Part No. - R1280D002C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1280D002A RICOH-R1280D002A Datasheet
329Kb / 18P
   2CH PWM DC/DC CONTROLLER
More results

Similar Description - R1280D002C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1282D002A RICOH-R1282D002A Datasheet
329Kb / 18P
   2CH PWM DC/DC CONTROLLER
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
logo
Fitipower Integrated Te...
FP6791C FITIPOWER-FP6791C Datasheet
688Kb / 13P
   PWM Boost DC-DC Controller
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
logo
ON Semiconductor
LV5044V ONSEMI-LV5044V Datasheet
238Kb / 7P
   2ch step-down circuit DC-DC Converter Controller
August, 2013
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com