Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R3112X091A Datasheet(PDF) 6 Page - RICOH electronics devices division

Part No. R3112X091A
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICOH [RICOH electronics devices division]
Homepage  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112X091A Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R3112X091A Datasheet HTML 2Page - RICOH electronics devices division R3112X091A Datasheet HTML 3Page - RICOH electronics devices division R3112X091A Datasheet HTML 4Page - RICOH electronics devices division R3112X091A Datasheet HTML 5Page - RICOH electronics devices division R3112X091A Datasheet HTML 6Page - RICOH electronics devices division R3112X091A Datasheet HTML 7Page - RICOH electronics devices division R3112X091A Datasheet HTML 8Page - RICOH electronics devices division R3112X091A Datasheet HTML 9Page - RICOH electronics devices division R3112X091A Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Rev. 1.10
- 6 -
q
R3112x271A/C
Topt=25
°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
-VDET
Detector Threshold
2.646
2.700
2.754
V
VHYS
Detector Threshold Hysteresis
0.081
0.189
V
VDD=2.60V
1.0
2.5
ISS
Supply Current
3.70V
0.5
3.0
µ
A
VDDH
Maximum Operating Voltage
6.0
V
Topt=25
°C0.7
VDDL
Minimum Operating Voltage*
Note1
-40
°C ≤Topt≤85°C0.8
V
Nch
VDS=0.05V,VDD=0.70V
10
120
µ
A
VDS=0.50V,VDD=1.50V
1.0
3.0
mA
IOUT
Output Current
(Driver Output Pin)
Pch
VDS=-2.1V,VDD=4.5V
1.0
3.5
mA
VTCD
CD pin Threshold Voltage
VDD=2.97V
0.891
1.485
2.079
V
VDS=0.1V, VDD=0.7V
2.0
70
µA
ICD
CD pin Output Current
VDS=0.5V, VDD=1.5V
200
500
RD
Output Delay Resistance
3.25
6.50
13.00
M
∆-VDET/∆T
Detector Threshold
Temperature Coefficient
-40
°C ≤Topt≤85°C
±100
ppm/
°C
qR3112x501A/C
Topt=25
°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
-VDET
Detector Threshold
4.900
5.000
5.100
V
VHYS
Detector Threshold Hysteresis
0.150
0.250
0.350
V
VDD=4.9V
1.5
2.5
ISS
Supply Current
6.0V
0.6
3.0
µ
A
VDDH
Maximum Operating Voltage
6.0
V
Topt=25
°C0.7
VDDL
Minimum Operating Voltage*
Note1
-40
°C ≤Topt≤85°C0.8
V
Nch
VDS=0.05V,VDD=0.70V
10
120
µ
A
VDS=0.50V,VDD=1.50V
1.0
3.0
mA
IOUT
Output Current
(Driver Output Pin)
Pch
VDS=-2.1V,VDD=6.0V
1.5
4.5
mA
VTCD
CD pin Threshold Voltage
VDD=2.97V
1.650
2.750
3.850
V
VDS=0.1V, VDD=0.7V
2.0
70
µA
ICD
CD pin Output Current
VDS=0.5V, VDD=1.5V
200
500
RD
Output Delay Resistance
3.25
6.50
13.00
M
∆-VDET/∆T
Detector Threshold
Temperature Coefficient
-40
°C≤Topt≤85°C
±100
ppm/
°C
*Note1: Minimum Operating Voltage means the value of input voltage when output voltage maintains
0.1V or less.
(In the case of Nch Open Drain Type, Output pin is pulled up with a resistance of 470k
Ω to 5.0V.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn