Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R3112X091A Datasheet(PDF) 1 Page - RICOH electronics devices division

Part No. R3112X091A
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICOH [RICOH electronics devices division]
Homepage  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112X091A Datasheet(HTML) 1 Page - RICOH electronics devices division

  R3112X091A Datasheet HTML 1Page - RICOH electronics devices division R3112X091A Datasheet HTML 2Page - RICOH electronics devices division R3112X091A Datasheet HTML 3Page - RICOH electronics devices division R3112X091A Datasheet HTML 4Page - RICOH electronics devices division R3112X091A Datasheet HTML 5Page - RICOH electronics devices division R3112X091A Datasheet HTML 6Page - RICOH electronics devices division R3112X091A Datasheet HTML 7Page - RICOH electronics devices division R3112X091A Datasheet HTML 8Page - RICOH electronics devices division R3112X091A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112xxx1A/C Series
2001. Apr. 4
Rev. 1.10
- 1 -
s OUTLINE
The R3112 Series are voltage detector ICs with high detector threshold accuracy and ultra-low
supply current by CMOS process, which can be operated at an extremely low voltage and is used for
system reset as an example.
Each of these ICs consists of a voltage reference unit, a comparator, resistor net for detector
threshold setting, an output driver, a hysteresis circuit, and an output delay circuit. The detector
threshold is fixed with high accuracy internally and does not require any adjustment. Two output types,
Nch open drain type and CMOS type are available.
Two types of packages, SOT-23-5 and ultra small SC-82AB can be selected so that high density
mounting on boards is possible.
s FEATURES
qBuilt-in Output Delay Circuit• • • • • • • • • • •TYP. 100ms with an external capacitor: 0.022
µF
qUltra-low Supply Current• • • • • • • • • • •TYP. 1.0µA (VDD=3.5V)
qWide Range of Operating Voltage • • • • • •0.7
∼6.0V(Topt=25°C)
qDetector Threshold • • • • • • • • •Stepwise setting with a step of 0.1V in the range of 0.9V to 5.0V
is possible.
qHigh Accuracy Detector Threshold • • • • • • • ±2.0%
qLow Temperature-Drift Coefficient of Detector Threshold• • • • • • • • • TYP. ±100ppm/
°C
qTwo Output Types• • • • • • • • • • • • • • • • • • • Nch Open Drain and CMOS
qTwo Types of Packages • • • • • • • • • • SOT-23-5 (Mini-mold), SC-82AB
s
s
s
s APPLICATIONS
CPU and Logic Circuit Reset
Battery Checker
Window Comparator
Wave Shaping Circuit
Battery Back-up Circuit
Power Failure Detector
s BLOCK DIAGRAMS
R3112XXX1A
R3112XXX1C
VDD
Vref
OUT
GND
CD
+
-
RD
Vref
VDD
OUT
GND
CD
+
--
RD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn