Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1230D001B Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1230D001B
Description  PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1230D001B Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1230D001B Datasheet HTML 7Page - RICOH electronics devices division R1230D001B Datasheet HTML 8Page - RICOH electronics devices division R1230D001B Datasheet HTML 9Page - RICOH electronics devices division R1230D001B Datasheet HTML 10Page - RICOH electronics devices division R1230D001B Datasheet HTML 11Page - RICOH electronics devices division R1230D001B Datasheet HTML 12Page - RICOH electronics devices division R1230D001B Datasheet HTML 13Page - RICOH electronics devices division R1230D001B Datasheet HTML 14Page - RICOH electronics devices division R1230D001B Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Rev. 1.12
- 11 -
As for CIN, use a capacitor with low ESR (Equivalent Series Resistance) Ceramic type of a capacity at least 10
µF
for stable operation.
COUT can reduce ripple of Output Voltage, therefore as much as 10
µF tantalum type is recommended.
s TIMING CHART
Internal Oscillator Waveform
Internal Operational
Amplifier Output
Internal Soft-start
Set Voltage
Lx Pin Output
Soft-start Time
Stable
Output
Short
Delay Time of Protection
Latched
CE pin Voltage
Output Short
The timing chart as shown above describes the waveforms starting from the IC is enabled with CE and latched with
protection. During the soft-start time, until the level is rising up to the internal soft-start set voltage, the duty cycle of Lx
is gradually wider and wider to prevent the over-shoot of the voltage. During the term, the output of amplifier is “H”,
then after the output voltage reaches the set output voltage, they are balanced with the stable state. Herein, if the
output pin would be short circuit, the output of amplifier would become “H” again, and the condition would continue for
1.5ms (TYP.), latch circuit would work and the output of Lx would be latched with “OFF”. (Output =“High-Z”)
If the output short is released before the latch circuit works (within 1.5ms after output shorted), the output of amplifier
is balanced in the stable state again.
Once the IC is latched, to release the protection, input “L” with CE pin, or make the supply voltage at UVLO level or
less.
s TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
1
10
100
1000
Output Current IOUT[mA]
Vin=3.3V PWM
Vin=3.3V VFM
Vin=5.0V PWM
Vin=5.0V VFM
R1230D181A


Similar Part No. - R1230D001B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
Productwell Precision E...
R12311 PRODUCTWELL-R12311 Datasheet
125Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1_14 Datasheet
123Kb / 2P
   ROTARY POTENTIOMETER
R12312 PRODUCTWELL-R12312 Datasheet
122Kb / 2P
   ROTARY POTENTIOMETER
More results

Similar Description - R1230D001B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com