Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1230D251A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1230D251A
Description  PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1230D251A Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1230D251A Datasheet HTML 1Page - RICOH electronics devices division R1230D251A Datasheet HTML 2Page - RICOH electronics devices division R1230D251A Datasheet HTML 3Page - RICOH electronics devices division R1230D251A Datasheet HTML 4Page - RICOH electronics devices division R1230D251A Datasheet HTML 5Page - RICOH electronics devices division R1230D251A Datasheet HTML 6Page - RICOH electronics devices division R1230D251A Datasheet HTML 7Page - RICOH electronics devices division R1230D251A Datasheet HTML 8Page - RICOH electronics devices division R1230D251A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Rev. 1.12
- 3 -
s
s
s
s SELECTION GUIDE
In the R1230D Series, the output voltage, the oscillator frequency, and the taping type for the ICs can be
selected at the user’s request.
The selection can be made by designating the part number as shown below;
R1230DXXXX-XX
↑ ↑ ↑ ↑
a
b c
d
Code
Contents
a
Setting Output Voltage(VOUT):
Stepwise setting with a step of 0.1V in the range of 1.2V to 4.0V is possible for A/B version.
“00” is for Output Voltage Adjustable C/D version
b
1 : fixed
c
Designation of Optional Function
A : 500kHz, Fixed Output Voltage
B : 800 kHz, Fixed Output Voltage
C : 500kHz, Adjustable Output Voltage
D : 800kHz, Adjustable Output Voltage
d
Designation of Taping Type;
Ex. :TR,TL(refer to Taping Specification)
”TR” is prescribed as a standard.
s
s
s
s PIN CONFIGURATION
q SON-8
*Attention : Tab suspension leads in the
parts have GND level. (They are connected to
the reverse side of this IC.) Do not connect to
other wires or land patterns.
Unit : mm
2.9
±0.2
0.48TYP
8
5
1
4
0.1
0.1 M
0.3
±0.1
0.65
*
*


Similar Part No. - R1230D251A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
Productwell Precision E...
R12311 PRODUCTWELL-R12311 Datasheet
125Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1_14 Datasheet
123Kb / 2P
   ROTARY POTENTIOMETER
R12312 PRODUCTWELL-R12312 Datasheet
122Kb / 2P
   ROTARY POTENTIOMETER
More results

Similar Description - R1230D251A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com