Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1160N331B Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1160N331B
Description  SOT23-5 3-MODE 200mA LDO REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1160N331B Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1160N331B Datasheet HTML 7Page - RICOH electronics devices division R1160N331B Datasheet HTML 8Page - RICOH electronics devices division R1160N331B Datasheet HTML 9Page - RICOH electronics devices division R1160N331B Datasheet HTML 10Page - RICOH electronics devices division R1160N331B Datasheet HTML 11Page - RICOH electronics devices division R1160N331B Datasheet HTML 12Page - RICOH electronics devices division R1160N331B Datasheet HTML 13Page - RICOH electronics devices division R1160N331B Datasheet HTML 14Page - RICOH electronics devices division R1160N331B Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Rev. 1.10
- 11 -
R1160N331X ECO=H
R1160N331X ECO=L
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
Output Current Iout ( mA )
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
Output Current Iout ( mA )
2)
Output Voltage vs. Input Voltage
R1160N081X ECO=H
R1160N081X ECO=L
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0123456
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0123
456
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
R1160N151X ECO=H
R1160N151X ECO=L
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
01
234
56
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
012
3
456
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
VIN=5.3V
3.6V
VIN=5.3V
3.6V


Similar Part No. - R1160N331B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1160N331B RICOH-R1160N331B Datasheet
462Kb / 35P
   3-MODE 200mA LDO REGULATOR
R1160N331B-TR-FE RICOH-R1160N331B-TR-FE Datasheet
527Kb / 31P
   3-MODE 200mA LDO REGULATOR
More results

Similar Description - R1160N331B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1160D081A RICOH-R1160D081A Datasheet
462Kb / 35P
   3-MODE 200mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1160X NISSHINBO-R1160X Datasheet
425Kb / 31P
   3-MODE 200mA LDO REGULATOR
logo
RICOH electronics devic...
R1160 RICOH-R1160 Datasheet
527Kb / 31P
   3-MODE 200mA LDO REGULATOR
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
Nisshinbo Micro Devices...
RP202X NISSHINBO-RP202X Datasheet
1Mb / 28P
   Low Power / Fast Mode Alternative 200mA LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
   Dual Channel 200mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com