Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1230D181A Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1230D181A
Description  PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1230D181A Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1230D181A Datasheet HTML 1Page - RICOH electronics devices division R1230D181A Datasheet HTML 2Page - RICOH electronics devices division R1230D181A Datasheet HTML 3Page - RICOH electronics devices division R1230D181A Datasheet HTML 4Page - RICOH electronics devices division R1230D181A Datasheet HTML 5Page - RICOH electronics devices division R1230D181A Datasheet HTML 6Page - RICOH electronics devices division R1230D181A Datasheet HTML 7Page - RICOH electronics devices division R1230D181A Datasheet HTML 8Page - RICOH electronics devices division R1230D181A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Rev. 1.12
- 4 -
s PIN DESCRIPTION
Pin No.
Symbol
Description
1VIN
Voltage Supply Pin
2
PGND
Ground Pin
3VDD
Voltage Supply Pin
4
CE
Chip Enable Pin (active with “H”)
5VOUT/VFB
Output/Feedback Pin
6
MODE
Mode changer Pin (PWM mode at “L”, VFM mode at “H”.)
7
AGND
Ground Pin
8Lx
Lx Pin
s
s
s
s ABSOLUTE MAXIMUM RATINGS
(AGND=PGND=0V)
Symbol
Item
Rating
Unit
VIN
VIN Supply Voltage
6.5
V
VDD
VDD Pin Voltage
6.5
V
VLX
Lx Pin Voltage
-0.3
∼VIN+0.3
V
VCE
CE Pin Input Voltage
-0.3
∼VIN+0.3
V
VMODE
MODE Pin Input Voltage
-0.3
∼VIN+0.3
V
VFB
VFB Pin Input Voltage
-0.3
∼VIN+0.3
V
ILX
LX Pin Output Current
-0.8
A
PD
Power Dissipation
250
mW
Topt
Operating Temperature Range
-40
∼+85
°C
Tstg
Storage Temperature Range
-55
∼+125
°C


Similar Part No. - R1230D181A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
Productwell Precision E...
R12311 PRODUCTWELL-R12311 Datasheet
125Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1_14 Datasheet
123Kb / 2P
   ROTARY POTENTIOMETER
R12312 PRODUCTWELL-R12312 Datasheet
122Kb / 2P
   ROTARY POTENTIOMETER
More results

Similar Description - R1230D181A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com