Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1250V301A Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1250V301A
Description  Negative Output Charge Pump Regulator(100mA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1250V301A Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1250V301A Datasheet HTML 2Page - RICOH electronics devices division R1250V301A Datasheet HTML 3Page - RICOH electronics devices division R1250V301A Datasheet HTML 4Page - RICOH electronics devices division R1250V301A Datasheet HTML 5Page - RICOH electronics devices division R1250V301A Datasheet HTML 6Page - RICOH electronics devices division R1250V301A Datasheet HTML 7Page - RICOH electronics devices division R1250V301A Datasheet HTML 8Page - RICOH electronics devices division R1250V301A Datasheet HTML 9Page - RICOH electronics devices division R1250V301A Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
R1250V××1A
5
ELECTRICAL CHARACTERISTICS
R1250V
××1A
(Unless otherwise provided, VIN=5.0V, Topt=25°C, CP, COUT = Ceramic 4.7µF)
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
Set Output Voltage = -2.7V to -2.0V
2.7
VIN
Operating Input Voltage
Set Output Voltage = -4.0V to -2.8V
|Set VOUT|
5.5
V
-2.4V to -2.0V
1.50
2.30
-2.9V to -2.5V
1.60
2.55
-3.4V to -3.0V
1.70
2.75
ISS
Supply Current
Operation: Active,
for IC itself *Note1
-4.0V to -3.5V
1.80
3.00
mA
ISTB
Shut-down Current
Operation: Shut-down, for IC
itself *Note2
0.1
1
µA
-2.4V to -2.0V
×0.95
×1.05
-2.9V to -2.5V
×0.96
×1.04
-3.4V to -3.0V
×0.97
×1.03
IOUT=0mA/10mA
-4.0V to -3.5V
×0.97
×1.03
IOUT=50mA
-2.4V to -2.0V
×0.88
×1.12
-2.9V to -2.5V
×0.89
×1.11
-3.4V to -3.0V
×0.91
×1.09
VOUT
Output Voltage
IOUT=75mA
-4.0V to -3.5V
×0.92
×1.08
V
Vref
Reference Voltage*Note3
No load
VOUT
V
IOUT=10mA to 50mA -2.4V to -2.0V
∆VOUT/
∆IOUT
Load Regulation
IOUT=10mA to 75mA -4.0V to -2.5V
0.7
mV/
mA
fosc
Oscillator Frequency
Output Frequency
238
280
322
kHz
∆fosc/∆T
Oscillator Frequency
Temperature Coefficient
±0.25
kHz/
°C
Duty
Oscillator Duty Cycle
At no Load
50
%
VSDH
CE “H” Input Voltage
1.5
V
VSDL
CE “L” Input Voltage
0.25
V
RPU
CE Pull-up Resistance
0.68
1.25
3.00
MΩ
RO
Resistance between
VOUT and GND
5kΩ
*Note1
Refer to Test Circuit 1.
*Note2:
Refer to Test Circuit 6.
*Note3:
Do not connect ant load. Refer to Technical Notes.
*Use Ceramic Capacitors with low ESR. Capacitors with high ESR could have bad effect on the performance of this IC.


Similar Part No. - R1250V301A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
More results

Similar Description - R1250V301A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT2820 ANALOGICTECH-AAT2820 Datasheet
437Kb / 18P
   Triple-Output Charge Pump Regulator
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
Analog Devices
ADP5600 AD-ADP5600 Datasheet
1Mb / 25P
   Interleaved Inverting Charge Pump with Negative LDO Regulator
logo
Semtech Corporation
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
   Fixed 5.3V Output Charge Pump Regulator
SC631 SEMTECH-SC631 Datasheet
237Kb / 14P
   Fixed 4.4V Output Charge Pump Regulator
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com