Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1230D Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1230D
Description  PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1230D Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1230D Datasheet HTML 6Page - RICOH electronics devices division R1230D Datasheet HTML 7Page - RICOH electronics devices division R1230D Datasheet HTML 8Page - RICOH electronics devices division R1230D Datasheet HTML 9Page - RICOH electronics devices division R1230D Datasheet HTML 10Page - RICOH electronics devices division R1230D Datasheet HTML 11Page - RICOH electronics devices division R1230D Datasheet HTML 12Page - RICOH electronics devices division R1230D Datasheet HTML 13Page - RICOH electronics devices division R1230D Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev. 1.12
- 10 -
tonc =T
×VIN/VOUT⋅⋅⋅ Equation 2
When ton<tonc, the mode is the discontinuous mode, and when ton=tonc, the mode is the continuous mode.
s OUTPUT CURRENT AND SELECTION OF EXTERNAL COMPONENTS
When P-channel Tr. of Lx is ON:
(Wherein, Ripple Current P-P value is described as IRP, ON resistance of P-channel Tr. and N-channel Tr. of Lx are
respectively described as Ronp and Ronn, and the DC resistor of the inductor is described as RL.)
VIN=VOUT+(Ronp+RL)
×IOUT+L×IRP/ton
⋅⋅⋅Equation 3
When P-channel Tr. of Lx is “OFF”(N-channel Tr. is “ON”):
L
×IRP/toff = RL×IOUT + VOUT + Ronn×IOUT
⋅⋅⋅Equation 4
Put Equation 4 to Equation 3 and solve for ON duty of P-channel transistor, ton/(toff+ton)=DON,
DON=(VOUT-Ronn
×IOUT+RL×IOUT)/(VIN+ Ronn×IOUT -Ronp×IOUT)⋅⋅⋅Equation 5
Ripple Current is as follows;
IRP=(VIN-VOUT-Ronp
×IOUT-RL×IOUT)×DON/fosc/L
…Equation 6
wherein, peak current that flows through L, and Lx Tr. is as follows;
ILmax=IOUT+IRP/2
…Equation 7
Consider ILmax, condition of input and output and select external components.
5The above explanation is directed to the calculation in an ideal case in continuous mode.
s How to Adjust Output Voltage and about Phase Compensation
As for Adjustable Output type, feedback pin (VFB) voltage is controlled to maintain 0.8V.
Output Voltage, VOUT is as following equation;
VOUT: R1+R2=VFB: R2
VOUT=VFB
×(R1+R2)/R2
Thus, with changing the value of R1 and R2, output voltage can be set in the specified range.
In the DC/DC converter, with the load current and external components such as L and C, phase might be behind 180
degree. In this case, the phase margin of the system will be less and stability will be worse. To prevent this, phase
margin should be secured with proceeding the phase. A zero is formed with R1, R2, and Cb.
Fpole
∼1/2π√LCOUT
≅Fzero∼1/(2π×(R1+R2)×Cb)
Considering external components, LC, set the appropriate value of R1+R2 and Cb.
Rb is effective for reducing the noise on VFB, therefore, add Rb so that R1+Rb=30k
Ω.
When the R1
≥30kΩ, additional Rb is not necessary, so it should be wired to VFB directly.
s External Components
1. Inductor
Select an inductor that peak current does not exceed ILmax. If larger current than allowable current flows, magnetic
saturation occurs and make transform efficiency worse.
Supposed that the load current is at the same, the smaller value of L is used, the larger the ripple current is.
Provided that the allowable current is large in that case and DC current is small, therefore, for large output current,
efficiency is better than using an inductor with a large value of L and vice versa.
2. Capacitor


Similar Part No. - R1230D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
Productwell Precision E...
R12311 PRODUCTWELL-R12311 Datasheet
125Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1_14 Datasheet
123Kb / 2P
   ROTARY POTENTIOMETER
R12312 PRODUCTWELL-R12312 Datasheet
122Kb / 2P
   ROTARY POTENTIOMETER
More results

Similar Description - R1230D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com