Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1140Q151D Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1140Q151D
Description  SC82 120mA LDO REGULATOR???
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1140Q151D Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1140Q151D Datasheet HTML 2Page - RICOH electronics devices division R1140Q151D Datasheet HTML 3Page - RICOH electronics devices division R1140Q151D Datasheet HTML 4Page - RICOH electronics devices division R1140Q151D Datasheet HTML 5Page - RICOH electronics devices division R1140Q151D Datasheet HTML 6Page - RICOH electronics devices division R1140Q151D Datasheet HTML 7Page - RICOH electronics devices division R1140Q151D Datasheet HTML 8Page - RICOH electronics devices division R1140Q151D Datasheet HTML 9Page - RICOH electronics devices division R1140Q151D Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
R1140Q
5
• ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Topt = 25°C
Dropout Voltage
VDIF (V)
Output Voltage
VOUT (V)
Condition
TYP.
MAX.
1.5
≤ VOUT ≤ 1.6
0.36
0.70
1.7
≤ VOUT ≤ 1.8
0.30
0.50
1.9
≤ VOUT ≤ 2.0
0.28
0.45
2.1
≤ VOUT ≤ 2.7
0.24
0.40
2.8
≤ VOUT ≤ 4.0
IOUT = 120mA
0.18
0.30
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For this
purpose, be sure to use a 2.2µF or more capacitor COUT with good frequency characteristics and ESR (Equivalent Se-
ries Resistance).
(Note: When the additional ceramic capacitors are connected to the Output Pin with Output capacitor for phase com-
pensation, the operation might be unstable. Because of this, test these ICs with as same external components as ones
to be used on the PCB.)
PCB Layout
Make VDD and GND line sufficient. When the impedance of these is high, it would be a cause of picking up the noise
or unstable operation. Connect a capacitor with as much as 1.0µF capacitor between VDD and GND pin as close as pos-
sible.
Set external components, especially output capacitor as close as possible to the ICs and make wiring shortest.


Similar Part No. - R1140Q151D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R114003133 ETC2-R114003133 Datasheet
181Kb / 3P
   STRAIGHT PLUG CLAMP TYPE
More results

Similar Description - R1140Q151D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
   120mA LDO REGULATOR
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com