Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0353031250 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0353031250
Description  2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Blade Pin, Shrouded, 12 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0353031250 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0353031250 Datasheet HTML 1Page - Molex Electronics Ltd. 0353031250 Datasheet HTML 2Page - Molex Electronics Ltd. 0353031250 Datasheet HTML 3Page - Molex Electronics Ltd. 0353031250 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-35303-001
Sales Drawing
SD-35303-001, SD-35303-010
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0353031250

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0353031050 MOLEX4-0353031050 Datasheet
209Kb / 4P
   2.00mm (.079") Pitch Wire-to-Board Header
0353031150 MOLEX4-0353031150 Datasheet
209Kb / 4P
   2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Blade Pin, Shrouded, 11 Circuits
0353031450 MOLEX4-0353031450 Datasheet
209Kb / 4P
   2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Blade Pin, Shrouded, 14 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com