Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1160N Datasheet(PDF) 2 Page - RICOH electronics devices division

Part No. R1160N
Description  SOT23-5 3-MODE 200mA LDO REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICOH [RICOH electronics devices division]
Homepage  http://www.ricoh.com
Logo 

R1160N Datasheet(HTML) 2 Page - RICOH electronics devices division

 
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Rev. 1.10
- 2 -
s BLOCK DIAGRAM
R1160NXX1A
R1160NXX1B
VDD
VOUT
GND
1
32
5
Vref
Current Limit
+
-
CE
4
ECO
VDD
VOUT
GND
1
32
5
Vref
Current Limit
+
-
CE
4
ECO
s SELECTION GUIDE
The output voltage, chip enable polarity, and the taping type for the ICs can be selected at the user's request. The selection can
be available by designating the part number as shown below;
R1160NXX1X-XX
←Part Number
↑ ↑ ↑↑
ab c d
Code
Contents
a
Designation of Package Type :
N:SOT-23-5 (Mini-mold)
b
Setting Output Voltage (VOUT) :
Stepwise setting with a step of 0.1V in the range of 0.8V to 3.3V is possible.
c
Designation of Chip Enable Option :
A:“L” active type.
B:“H” active type.
d
Designation of Taping Type :
Refer to Taping Specifications; TR type is the standard direction.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RT9168200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RT9182DUAL LOW-NOISE 200mA LDO REGULATOR 1 2 3 4 5 MoreRichtek Technology Corporation
RT9177Ultra-Low-Noise 200mA LDO Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BA00BC0WFPWTLow Voltage Variable Output LDO Regulator 1 2 Rohm
SPX5205150 mA Low-Noise LDO Voltage Regulator 1 2 3 4 5 MoreSipex Corporation
CS5210-110A LDO 3-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
MIC5211Dual μCap 80mA LDO Regulator Preliminary Information 1 2 3 4 5 MoreMicrel Semiconductor
MIC491501.5A Low Voltage LDO Regulator w/Dual Input Voltages 1 2 3 4 5 MoreMicrel Semiconductor
MIC371391.5A LOW VOLTAGE UCAP LDO REGULATOR 1 2 3 4 5 MoreMicrel Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn