Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1140Q151B Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1140Q151B
Description  SC82 120mA LDO REGULATOR???
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1140Q151B Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1140Q151B Datasheet HTML 1Page - RICOH electronics devices division R1140Q151B Datasheet HTML 2Page - RICOH electronics devices division R1140Q151B Datasheet HTML 3Page - RICOH electronics devices division R1140Q151B Datasheet HTML 4Page - RICOH electronics devices division R1140Q151B Datasheet HTML 5Page - RICOH electronics devices division R1140Q151B Datasheet HTML 6Page - RICOH electronics devices division R1140Q151B Datasheet HTML 7Page - RICOH electronics devices division R1140Q151B Datasheet HTML 8Page - RICOH electronics devices division R1140Q151B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
R1140Q
4
ELECTRICAL CHARACTERISTICS
• R1140Q××
××
××
××1B/R1140Q××
××
××
××1D
Topt=25°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT
Output Voltage
VIN = Set VOUT+1V
1mA
≤ IOUT ≤ 30mA
VOUT
×0.98
VOUT
×1.02
V
IOUT
Output Current
VIN -VOUT = 1.0V
120
mA
∆VOUT/∆IOUT Load Regulation
VIN = Set VOUT+1V
1mA
≤ IOUT ≤ 120mA
12
40
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLT-
AGE
ISS
Supply Current
VIN = Set VOUT+1V
75
150
µA
Istandby
Supply Current (Standby)
VIN = VCE = Set VOUT+1V
0.1
1.0
µA
∆VOUT/∆VIN Line Regulation
Set VOUT+0.5V
≤ VIN ≤ 6V
IOUT = 30mA
(In case that VOUT
≤1.6V,
2.2V
≤ VIN ≤ 6V)
0.05
0.20
%/V
RR
Ripple Rejection
f = 1kHz, Ripple 0.5Vp-p
VIN = Set VOUT+1V,
IOUT = 30mA
(In case that VOUT
≤1.7V, VIN-
VOUT=1.2V)
75
dB
VIN
Input Voltage
2.2
6.0
V
∆VOUT/∆T
Output Voltage
Temperature Coefficient
IOUT = 30mA
-40°C
≤ Topt ≤ 85°C
±100
ppm
/°C
ILIM
Short Current Limit
VOUT = 0V
40
mA
RPU
——
CE Pull-up Resistance
1.5
4
16
M
VCEH
——
CE Input Voltage “H”
1.5
VIN
V
VCEL
——
CE Input Voltage “L”
0.0
0.3
V
en
Output Noise
BW=10Hz to 100kHz
30
µVrms
RLOW
Low Output Nch Tr. ON
Resistance (of D version)
VCE=0V
70


Similar Part No. - R1140Q151B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R114003133 ETC2-R114003133 Datasheet
181Kb / 3P
   STRAIGHT PLUG CLAMP TYPE
More results

Similar Description - R1140Q151B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
   120mA LDO REGULATOR
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com