Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1140Q Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1140Q
Description  SC82 120mA LDO REGULATOR???
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1140Q Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1140Q Datasheet HTML 4Page - RICOH electronics devices division R1140Q Datasheet HTML 5Page - RICOH electronics devices division R1140Q Datasheet HTML 6Page - RICOH electronics devices division R1140Q Datasheet HTML 7Page - RICOH electronics devices division R1140Q Datasheet HTML 8Page - RICOH electronics devices division R1140Q Datasheet HTML 9Page - RICOH electronics devices division R1140Q Datasheet HTML 10Page - RICOH electronics devices division R1140Q Datasheet HTML 11Page - RICOH electronics devices division R1140Q Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
R1140Q
7
TYPICAL APPLICATION
C2
C1
1
2
VOUT
GND
4
R1140Q
SERIES
3
VDD
CE
IN
OUT
(External Components)
Output Capacitor; Tantalum Type


Similar Part No. - R1140Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R114003133 ETC2-R114003133 Datasheet
181Kb / 3P
   STRAIGHT PLUG CLAMP TYPE
More results

Similar Description - R1140Q

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
   120mA LDO REGULATOR
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com