Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0345650003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0345650003
Description  MX123??73/80 Circuit Dress Cover
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0345650003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0345650003 Datasheet HTML 1Page - Molex Electronics Ltd. 0345650003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0345650003
Status:
Active
Overview:
mx123_sealed_connection_systems
Description:
MX123™ 73/80 Circuit Dress Cover
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34566-0000 (PDF)
General
Product Family
Accessories
Series
34565
Component Type
Cover
Overview
mx123_sealed_connection_systems
Product Name
MX123
Physical
Circuits (Loaded)
0
Color - Resin
Black
Lock to Mating Part
Yes
Material - Resin
Polyester Alloy
Packaging Type
Carton
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-31300-180
Product Specification
PS-34566-0000
Sales Drawing
SD-34565-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34565Series
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0345650003

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0345600000 WEIDMULLER-0345600000 Datasheet
1Mb / 52P
   SAK-series
logo
Molex Electronics Ltd.
0345660103 MOLEX4-0345660103 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch
0345660203 MOLEX4-0345660203 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch, MX123 Female Receptacle Housing
0345660303 MOLEX4-0345660303 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch, MX123 Female Receptacle Housing, Keying Option C, WireDress Option 0, 73 Circuits, Blue TPA
0345660703 MOLEX4-0345660703 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch, MX123 Female Receptacle Housing, Keying Option G, WireDress Option 0, 80 Circuits, Blue TPA
More results

Similar Description - 0345650003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0345750003 MOLEX4-0345750003 Datasheet
138Kb / 2P
   MX123??49/56 Circuit Dress Cover
34566-1903 MOLEX11-34566-1903 Datasheet
57Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option G, Wire Dress
34566-0103 MOLEX11-34566-0103 Datasheet
46Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option A, Wire Dress
34566-0303 MOLEX11-34566-0303 Datasheet
46Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option C, Wire Dress
34566-1403 MOLEX11-34566-1403 Datasheet
45Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option B, Wire Dress
34566-0203 MOLEX11-34566-0203 Datasheet
46Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option B, Wire Dress
34566-1303 MOLEX11-34566-1303 Datasheet
45Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option B, Wire Dress
34566-1803 MOLEX11-34566-1803 Datasheet
45Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option F, Wire Dress
34566-0803 MOLEX11-34566-0803 Datasheet
57Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option H, Wire Dress
34566-2403 MOLEX11-34566-2403 Datasheet
56Kb / 1P
   2.54mm Pitch, MX123??Female Receptacle Housing, Keying Option M, Wire Dress
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com