Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0190730013 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190730013
Description  Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stude Size 8, Length22.00mm (.866")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190730013 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190730013 Datasheet HTML 1Page - Molex Electronics Ltd. 0190730013 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190730013
Status:
Active
Description:
Avikrimp™ Ring Tongue Terminal for 18 to 22 AWG Wire, Stude Size 8, Length
22.00mm (.866")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19073
Comments
Type II Insulated; Class 1 and 2
Crimp Quality Equipment
Yes
Mil-Spec
AS25036-149, MS25036-149
MolexKits
Yes
Product Name
Avikrimp™
Type
Ring
Physical
Barrel Type
Closed
Flammability
94V-2
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
8 (M4)
Wire Insulation Diameter
3.60mm (.142") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Material Info
Old Part Number
AA-821-08
Reference - Drawing Numbers
Sales Drawing
SD-19073-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19073Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640011200
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640051200
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190730013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190730010 MOLEX4-0190730010 Datasheet
109Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 2, Length18.00mm (.708")
0190730011 MOLEX4-0190730011 Datasheet
109Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire
0190730012 MOLEX4-0190730012 Datasheet
109Kb / 3P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 6, Length22.00mm (.866"), Mylar Tape Carrier
0190730015 MOLEX4-0190730015 Datasheet
109Kb / 3P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 8, Length22.00mm (.866"), Mylar Tape Carrier
0190730017 MOLEX4-0190730017 Datasheet
109Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 10, Length22.00mm (.866")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com