Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0190730033 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0190730033
Description  Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 3/8", Length32.00mm (1.259"), Mylar Tape Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190730033 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0190730033 Datasheet HTML 1Page - Molex Electronics Ltd. 0190730033 Datasheet HTML 2Page - Molex Electronics Ltd. 0190730033 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mylar Tape Mounted
Terminals
Mini-Mac™
Applicator
0638851300
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190730033

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190730032 MOLEX4-0190730032 Datasheet
125Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 3/8", Length32.00mm (1.259")
0190730036 MOLEX4-0190730036 Datasheet
146Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 4, Length19.80mm (.779")
0190730037 MOLEX4-0190730037 Datasheet
146Kb / 3P
   Avikrimp??Ring Tongue Terminal
0190730038 MOLEX4-0190730038 Datasheet
146Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 5, Length19.80mm (.779")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com