Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-2293T Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # C-2293T
Description  InsulKrimp??Female Quick Disconnect for 10-12 AWG Wire, Mylar Tape
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

C-2293T Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  C-2293T Datasheet HTML 1Page - Molex Electronics Ltd. C-2293T Datasheet HTML 2Page - Molex Electronics Ltd. C-2293T Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0196060003
Status:
Active
Description:
InsulKrimp™ Female Quick Disconnect for 10-12 AWG Wire, Mylar Tape
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19606
Comments
Funnel Entry
Crimp Quality Equipment
Yes
Product Name
InsulKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Insulation
PVC
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-65°C to +105°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
6.10mm (.240") max.
Wire Size AWG
10, 12
Wire Size mm²
3.30 - 5.00
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
C-2293T
Reference - Drawing Numbers
Sales Drawing
SD-19003-005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19606Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable
Tool Kit used in ATP
presses that process
product on tape
0190270014
Mini-Mac™
Applicator
0638852800


Similar Part No. - C-2293T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
C-2293 MOLEX4-C-2293 Datasheet
222Kb / 3P
   InsulKrimp??Female Quick Disconnect for 10-12 AWG Wire, Box
C-2293C MOLEX4-C-2293C Datasheet
222Kb / 3P
   InsulKrimp??Female Quick Disconnect
More results

Similar Description - C-2293T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0196060006 MOLEX4-0196060006 Datasheet
120Kb / 2P
   Avikrimp?줖ully Insulated Quick Disconnect, Female, for 10-12 AWG Wire, Mylar Tape
0196060002 MOLEX4-0196060002 Datasheet
222Kb / 3P
   InsulKrimp??Female Quick Disconnect for 10-12 AWG Wire, Box
0190050015 MOLEX4-0190050015 Datasheet
111Kb / 3P
   InsulKrimp??Fully Insulated Female Quick Disconnect for 10-12 AWG Wire
0190170050 MOLEX4-0190170050 Datasheet
128Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
0190030010 MOLEX3-0190030010 Datasheet
177Kb / 3P
   InsulKrimp Quick Disconnect, Female, for 18-22 (0.80-0.35), Mylar Tape
0190160070 MOLEX4-0190160070 Datasheet
89Kb / 2P
   Krimptite??Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Mylar Tape, Tab6.35mm (.250
0190020002 MOLEX3-0190020002 Datasheet
156Kb / 3P
   Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
0190170035 MOLEX4-0190170035 Datasheet
128Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab4.75mm (.187
0190030040 MOLEX4-0190030040 Datasheet
223Kb / 3P
   InsulKrimp??Female Quick Disconnect for 14-16 AWG Wire
0190030051 MOLEX4-0190030051 Datasheet
222Kb / 3P
   InsulKrimp??Female Quick Disconnect for 14-16 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com