Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0190730036 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0190730036
Description  Avikrimp™ Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 4, Length19.80mm (.779")
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX4 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0190730036 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190730036
Status:
Active
Description:
Avikrimp™ Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 4, Length
19.80mm (.779")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19073
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Avikrimp™
Type
Ring
Physical
Barrel Type
Closed
Flammability
94V-0
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
4 (M2.6)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.60mm (.142") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Material Info
Old Part Number
AA-832-04
Reference - Drawing Numbers
Sales Drawing
SD-19073-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19073Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640011200
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640051200
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn