Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0190730218 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0190730218
Description  Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 6, Length26.59mm (1.047
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190730218 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0190730218 Datasheet HTML 1Page - Molex Electronics Ltd. 0190730218 Datasheet HTML 2Page - Molex Electronics Ltd. 0190730218 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190730218

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190730212 MOLEX4-0190730212 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal
0190730216 MOLEX4-0190730216 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
More results

Similar Description - 0190730218

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190730222 MOLEX4-0190730222 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 8, Length26.59mm (1.047
0190730224 MOLEX4-0190730224 Datasheet
106Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 8, Length26.59mm (1.047"), Mylar Tape Carrier
0190730220 MOLEX4-0190730220 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 6, ExpandedFlare, Length 26.59mm (1.047")
0190730225 MOLEX4-0190730225 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 8, ExpandedFlare, Length 26.59mm (1.047")
0190730201 MOLEX4-0190730201 Datasheet
106Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 5/16
0190730147 MOLEX4-0190730147 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/2
0190730180 MOLEX4-0190730180 Datasheet
106Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10, Length31.95mm (1.258
0190730148 MOLEX4-0190730148 Datasheet
100Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/4", LengthAvikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/4", Length
0190730226 MOLEX4-0190730226 Datasheet
74Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 8, ExpandedFlare, Length 26.59mm (1.047"), Mylar Tape Carrier
0190730164 MOLEX4-0190730164 Datasheet
74Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 6, ExpandedFlare, Length 27.71mm (1.091
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com