Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0190130029 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190130029
Description  InsulKrimp??Fully Insulated Piggyback Quick Disconnect, Tab 6.35mm (.250") by0.81mm (.032"), 14-16 AWG, Blue Insulator, Tape
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190130029 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190130029 Datasheet HTML 1Page - Molex Electronics Ltd. 0190130029 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190130029
Status:
Active
Description:
InsulKrimp™ Fully Insulated Piggyback Quick Disconnect, Tab 6.35mm (.250") by
0.81mm (.032"), 14-16 AWG, Blue Insulator, Tape
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-008 (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19013
Crimp Quality Equipment
Yes
Product Name
InsulKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed - Brazed
Color - Resin
Natural
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
No
Material - Resin
Nylon
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Polarized to Mating Part
Yes
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
105°C
Wire Insulation Diameter
4.04mm (.159") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Electrical
Voltage - Maximum
600V AC
Material Info
Old Part Number
BB-2318
Reference - Drawing Numbers
Product Specification
PS-19902-008
Sales Drawing
SD-19013-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19013Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640016300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640056300
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190130029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190130025 MOLEX4-0190130025 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect, Tab 6.35mm (.250") by0.81mm (.032"), 18-22 AWG, Red Insulator, Loose
0190130026 MOLEX4-0190130026 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated
0190130027 MOLEX4-0190130027 Datasheet
109Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect, Tab 6.35mm (.250") by0.81mm (.032"), 18-22 AWG, Expanded Blue Insulator Tape
0190130028 MOLEX4-0190130028 Datasheet
109Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com