Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-35339-1216 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-35339-1216
Description  2.50mm (.098") Pitch Wire-to-Board Header, 1.27mm (.050") Tab, Right Angle, ComboType , 12 Circuits, Green
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35339-1216 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-35339-1216 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35339-1216 Datasheet HTML 2Page - Molex Electronics Ltd. SD-35339-1216 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-35339-1216

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-35301-001 MOLEX4-SD-35301-001 Datasheet
169Kb / 4P
   2.50mm (.098") Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded
SD-35301-001 MOLEX4-SD-35301-001 Datasheet
169Kb / 4P
   2.50mm (.098") Pitch SPOX?
SD-35301-002 MOLEX4-SD-35301-002 Datasheet
164Kb / 4P
   2.50mm (.098") Pitch SPOX?
SD-35301-015 MOLEX4-SD-35301-015 Datasheet
164Kb / 4P
   2.50mm (.098") Pitch SPOX??Wire-to-Board Header
SD-35303-001 MOLEX4-SD-35303-001 Datasheet
209Kb / 4P
   2.00mm (.079") Pitch Wire-to-Board Header
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com