Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA-269T Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SA-269T
Description  Perma-Seal??Male Snap Plug for 18-22 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SA-269T Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SA-269T Datasheet HTML 1Page - Molex Electronics Ltd. SA-269T Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191640807
Status:
Active
Description:
Perma-Seal™ Male Snap Plug for 18-22 AWG Wire, Diameter 3.96mm (.156"), Mylar
Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E152602
General
Product Family
Quick Disconnects
Series
19164
Crimp Quality Equipment
Yes
Product Name
Perma-Seal™
Type
Snap Plug
Physical
Barrel Type
Closed
Flammability
94V-2
Gender
Male
Glow-Wire Compliant
No
Insulation
NiAc™
Lock to Mating Part
None
Material - Metal
Copper
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Tab Thickness
N/A
Tab Width
N/A
Temperature Range - Operating
-55°C to +125°C
Wire Insulation Diameter
5.97mm (.235") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.25 - 1.50
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
SA-269T
Reference - Drawing Numbers
Sales Drawing
SD-19164-031
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19164Series
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SA-269T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SA-269 MOLEX4-SA-269 Datasheet
87Kb / 2P
   Perma-Seal??Male Snap Plug for 18-22 AWG Wire, Diameter 3.96mm (.156")
More results

Similar Description - SA-269T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640010 MOLEX4-0191640010 Datasheet
87Kb / 2P
   Perma-Seal??Male Snap Plug for 18-22 AWG Wire, Diameter 3.96mm (.156")
0191640052 MOLEX4-0191640052 Datasheet
98Kb / 2P
   Perma-Seal??Snap Plug Receptacle for 18-22 AWG Wire, Diameter 3.96mm (.156")
0191640053 MOLEX4-0191640053 Datasheet
98Kb / 2P
   Perma-Seal??Snap Plug Receptacle for 18-22 AWG Wire, Diameter 4.57mm (.180")
0191640040 MOLEX4-0191640040 Datasheet
86Kb / 2P
   Perma-Seal??Male Snap Plug for 14-16 AWG Wire
0191640013 MOLEX4-0191640013 Datasheet
106Kb / 2P
   Perma-Seal??Butt Splice for 18-22 AWG Wire
0191640011 MOLEX4-0191640011 Datasheet
129Kb / 3P
   Perma-Seal??3-Way Connector Assembly for 18-22 AWG Wire
0191640014 MOLEX4-0191640014 Datasheet
109Kb / 3P
   Perma-Seal??Butt Splice for 18-22 AWG Wire, Mylar Tape Carrier
0191640016 MOLEX4-0191640016 Datasheet
112Kb / 3P
   Perma-Seal??Male Quick Disconnect Tab for 18-22 AWG Wire, Tab Size 6.35mm(.250
0190330003 MOLEX4-0190330003 Datasheet
80Kb / 2P
   Krimptite??Snap Plug, for 18-22 AWG Wire
0190330001 MOLEX4-0190330001 Datasheet
80Kb / 2P
   Krimptite??Snap Plug, for 18-22 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com