Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-828-06 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # C-828-06
Description  Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

C-828-06 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  C-828-06 Datasheet HTML 1Page - Molex Electronics Ltd. C-828-06 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190730160
Status:
Active
Description:
Avikrimp™ Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 6, Length
27.71mm (1.091")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19073
Comments
Type II Insulated; Class 1 and 2
Crimp Quality Equipment
Yes
Mil-Spec
AS25036-111, MS25036-111
Product Name
Avikrimp™
Type
Ring
Physical
Barrel Type
Closed
Flammability
94V-0
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
5-6 (M3-3.5)
Wire Insulation Diameter
5.70mm (.225") max.
Wire Size AWG
10, 12
Wire Size mm²
3.30 - 5.00
Material Info
Old Part Number
C-828-06
Reference - Drawing Numbers
Sales Drawing
SD-19073-007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19073Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640011500
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - C-828-06

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
C-828-06T MOLEX4-C-828-06T Datasheet
100Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
C-828-06X MOLEX4-C-828-06X Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
C-828-06XT MOLEX4-C-828-06XT Datasheet
74Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 6, ExpandedFlare, Length 27.71mm (1.091
More results

Similar Description - C-828-06

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190730216 MOLEX4-0190730216 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730231 MOLEX4-0190730231 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730242 MOLEX4-0190730242 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730191 MOLEX4-0190730191 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730162 MOLEX4-0190730162 Datasheet
100Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730163 MOLEX4-0190730163 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730229 MOLEX4-0190730229 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730227 MOLEX4-0190730227 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730179 MOLEX4-0190730179 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730169 MOLEX4-0190730169 Datasheet
73Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com