Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-35155-1302 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-35155-1302
Description  2.50mm (.098") Pitch Wire-to-Board Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35155-1302 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-35155-1302 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35155-1302 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351551302
Status:
Active
Description:
2.50mm (.098") Pitch Wire-to-Board Housing, Positive Lock, Red, 13 Circuits
Documents:
3D Model
Product Specification PS-35155-002 (PDF)
Drawing (PDF)
Product Specification PS-68143-001 (PDF)
Product Specification PS-35155-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
35155
Product Name
N/A
Physical
Breakaway
No
Circuits (maximum)
13
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-35155-001, PS-35155-002, PS-68143-001
Sales Drawing
SD-35155-**0*
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35155Series
Mates With
35312 Vertical Shrouded Header, 35184
Wire-to-Wire Plug Housing
Use With
5103 SPOX™ Crimp Terminal
This document was generated on 03/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-35155-1302

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-35155-1303 MOLEX4-SD-35155-1303 Datasheet
116Kb / 2P
   2.50mm (.098") Pitch Wire-to-Board Housing
SD-35155-1304 MOLEX4-SD-35155-1304 Datasheet
116Kb / 2P
   2.50mm (.098") Pitch Wire-to-Board Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com