Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-35150-060 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-35150-060
Description  7.30mm (.287") Pitch Wire-to-Wire VersaBlade?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35150-060 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-35150-060 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35150-060 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351500604
Status:
Active
Overview:
versablade
Description:
7.30mm (.287") Pitch Wire-to-Wire VersaBlade™ Hybrid Receptacle Housing, without
Mounting Ears, 6 Circuits, Polyester UL94V-0, Blue
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
TUV
R72090206
UL
E29179
General
Product Family
Crimp Housings
Series
35150
Comments
Polarized to Mating Part, Positive Lock
Overview
versablade
Product Name
VersaBlade™
Physical
Circuits (maximum)
6
Color - Resin
Blue
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.244 In, 0.350 In
Pitch - Mating Interface (mm)
6.20 mm, 8.90 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-35150-060
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35150Series
Mates With
35151-061* Plug Housings
Use With
VersaBlade™ Crimp Terminals, 35745 ,
35746 , 35747
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-35150-060

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-35150-0100 MOLEX4-SD-35150-0100 Datasheet
77Kb / 2P
   070mm (.003") Pitch Wire-to-Wire VersaBlade?
SD-35150-0210 MOLEX4-SD-35150-0210 Datasheet
104Kb / 2P
   6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Plug Housing, with Mounting Ears, 2 Circuits
SD-35150-0292 MOLEX4-SD-35150-0292 Datasheet
71Kb / 2P
   1.78mm (.070") Tab Wire-to-Wire TPA?
SD-35150-0393 MOLEX4-SD-35150-0393 Datasheet
72Kb / 2P
   1.78mm (.070") Tab Wire-to-Wire TPA?
SD-35150-0400 MOLEX4-SD-35150-0400 Datasheet
84Kb / 2P
   6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Plug Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com