Electronic Components Datasheet Search |
|
SD-19429-014 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-19429-014 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0194290030 Status: Active Overview: mx150l_sealed_connector_system Description: MX150L™ 10 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Through Hole Flange Assembly, without Gasket Documents: 3D Model Product Specification PS-19417-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Crimp Housings Series 19429 Comments For Outside or Inside Panel Mount Application Overview mx150l_sealed_connector_system Product Literature Order No 987650-2181 Product Name MX150L™ Physical Circuits (maximum) 10 Gender Male Glow-Wire Compliant No Lock to Mating Part Yes Number of Rows 2 Packaging Type Bag Panel Mount Yes Pitch - Mating Interface (in) 0.230 In Pitch - Mating Interface (mm) 5.84 mm Polarized to Mating Part Yes Stackable No Temperature Range - Operating -40°C to +125°C Electrical Current - Maximum per Contact 18A Material Info Reference - Drawing Numbers Packaging Specification PK-19429-001 Product Specification PS-19417-001 Sales Drawing SD-19429-014 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 19429Series Mates With 19418 Receptacle Assemblies Use With 19417 Male Crimp Terminals This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - SD-19429-014 |
|
Similar Description - SD-19429-014 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |