Electronic Components Datasheet Search |
|
SD-33012-002 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-33012-002 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 7 page This document was generated on 05/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0330123003 Status: Active Overview: mx150_sealed_connector_system Description: MX150™ Female Terminal, Tin (Sn) Plating, 22 AWG, Left Reel Payoff, Small Polarization Rib, Contact Material Thickness 0.30mm (.012") Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Crimp Terminals Series 33012 Comments Left Reel Payoff, Small Polarization Rib Crimp Quality Equipment Yes Overview mx150_sealed_connector_system Product Name MX150™ Physical Gender Female Material - Metal High Performance Alloy (HPA) Material - Plating Mating Tin Material - Plating Termination Tin Packaging Type Reel Plating min: Mating (µin) 20.00 Plating min: Mating (µm) 0.500 Plating min: Termination (µin) 20.00 Plating min: Termination (µm) 0.50 Termination Interface: Style Crimp or Compression Wire Insulation Diameter 2.60mm (.102") max. Wire Size AWG 22 Wire Size mm² 0.5 Electrical Current - Maximum per Contact 22A Voltage - Maximum 250V Material Info Reference - Drawing Numbers Sales Drawing SD-33012-002 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 33012Series Use With 33472 Dual Row Housing, 33476 Hybrid Housing, 33471 Single Row Housing Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Manual Extraction Tool 0638131500 FineAdjust™ Applicator 0639001000 Hand Crimp Tool, 18-22AWG 0638116000 This document was generated on 05/19/2010 |
Similar Part No. - SD-33012-002 |
|
Similar Description - SD-33012-002 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |