Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-35021-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-35021-001
Description  Board-In Right Angle Crimp Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35021-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-35021-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35021-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-35021-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0350211201
Status:
Active
Description:
Board-In Right Angle Crimp Terminal 35021, Reel, Brass Tin (Sn)
Documents:
3D Model
Product Specification PS-35044-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
35021
Comments
Right Angle, Use with Housing 35023
Crimp Quality Equipment
Yes
Product Name
Board-In
Physical
Gender
Male
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
32.00
Plating min: Mating (µm)
0.800
Plating min: Termination (µin)
32.00
Plating min: Termination (µm)
0.80
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.5 mm Max (.059" Max)
Wire Size AWG
24, 30
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-35044-001
Sales Drawing
SD-35021-001, SD-35021-1***
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35021Series
Use With
35023 Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
HAND CRIMP TOOL 0638116900
T2 Terminator Die
0638532000
FineAdjust™
Applicator
0638632000
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-35021-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-35022-0002 MOLEX4-SD-35022-0002 Datasheet
75Kb / 2P
   2.50mm (.098") Pitch Board-In Crimp Housing
SD-35022-0004 MOLEX4-SD-35022-0004 Datasheet
75Kb / 2P
   2.50mm (.098") Pitch Board-In Crimp Housing
SD-35022-0005 MOLEX4-SD-35022-0005 Datasheet
75Kb / 2P
   2.50mm (.098") Pitch Board-In Crimp Housing
SD-35022-0016 MOLEX4-SD-35022-0016 Datasheet
75Kb / 2P
   2.50mm (.098") Pitch Board-In Crimp Housing
SD-35023-001 MOLEX4-SD-35023-001 Datasheet
177Kb / 3P
   2.00mm (.079") Pitch Board-In Crimp Housing, 2 Circuits
More results

Similar Description - SD-35021-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-07-2101 MOLEX5-02-07-2101 Datasheet
35Kb / 2P
   Board-In Crimp Terminal
02-09-2105 MOLEX5-02-09-2105 Datasheet
35Kb / 1P
   Board-In Crimp Terminal
0350211001 MOLEX4-0350211001 Datasheet
331Kb / 4P
   Board-In Right Angle Crimp Terminal 35021, Reel, Brass Tin (Sn)
63902-8500 MOLEX11-63902-8500 Datasheet
49Kb / 1P
   FineAdjust for Right Angle Board-In Terminal
ATS-639028500 MOLEX-ATS-639028500 Datasheet
316Kb / 5P
   FineAdjust for Right Angle Board-In Terminal
05-14-13
0639028500 MOLEX-0639028500 Datasheet
32Kb / 1P
   FineAdjust for Right-Angle Board-in Terminal
08/26/2022
63811-6900 MOLEX11-63811-6900 Datasheet
41Kb / 1P
   Hand Crimp Tool for Right Angle Board-In Crimp Terminals
0638116900 MOLEX-0638116900 Datasheet
37Kb / 2P
   Hand Crimp Tool for Right-Angle Board-in Crimp Terminals
11/02/2021
63823-4800 MOLEX11-63823-4800 Datasheet
39Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Board-In Male Crimp Terminal
0638234800 MOLEX-0638234800 Datasheet
32Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Board-in Male Crimp Terminal
08/25/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com