Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-19221-010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-19221-010
Description  Compression Style Ring Tongue Terminal for 1 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19221-010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-19221-010 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19221-010 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192210580
Status:
Active
Description:
Compression Style Ring Tongue Terminal for 1 AWG Wire, Stud Size 3/8", Un-Plated,
Wide Pad
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19221
Comments
Heavy Duty
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Battery Cable Lug
Type
Ring
Physical
Barrel Type
Closed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
3/8" (M9)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
N/A
Wire Size AWG
1
Wire Size mm²
42.4
Material Info
Old Part Number
BCL-138-WP
Reference - Drawing Numbers
Sales Drawing
SD-19221-010
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19221Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Die Set (large) for
the HHLS Hydralic
Crimper
0192900011
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-19221-010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-19221-010 MOLEX4-SD-19221-010 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 4 AWG Wire
SD-19221-010 MOLEX4-SD-19221-010 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal
SD-19221-010 MOLEX4-SD-19221-010 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 2 AWG Wire
SD-19221-010 MOLEX4-SD-19221-010 Datasheet
177Kb / 2P
   Compression Style Ring Tongue Terminal
SD-19221-010 MOLEX4-SD-19221-010 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal
More results

Similar Description - SD-19221-010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192210377 MOLEX4-0192210377 Datasheet
246Kb / 3P
   Compression Style Ring Tongue Terminal for 1/0 AWG Wire
0190820014 MOLEX4-0190820014 Datasheet
174Kb / 3P
   Compression Style Ring Tongue Terminal for 8 AWG Wire
0192210454 MOLEX4-0192210454 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 4 AWG Wire
0192210227 MOLEX4-0192210227 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 6 AWG Wire
0192210225 MOLEX4-0192210225 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 8 AWG Wire
0192210384 MOLEX4-0192210384 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 6 AWG Wire
0192210228 MOLEX4-0192210228 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 6 AWG Wire
0192210235 MOLEX4-0192210235 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 2 AWG Wire
0192210378 MOLEX4-0192210378 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 1 AWG Cable
0192210250 MOLEX4-0192210250 Datasheet
246Kb / 3P
   Compression Style Ring Tongue Terminal for 4/0 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com