Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STZ56N Datasheet(PDF) 1 Page - Rohm

Part # STZ56N
Description  Zener Diode Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

STZ56N Datasheet(HTML) 1 Page - Rohm

  STZ56N Datasheet HTML 1Page - Rohm STZ56N Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STZ5.6N
Diodes
Zener Diode Array
STZ5.6N
!Applications
Constant voltage control
For the ESD measure of a signal line
!Features
1) Designed for mounting on small surface areas
2) High reliability
3) Composite type with two anode/cathode elements
!Construction
Silicon epitaxial planar
!
!
!
!External dimensions
(Units : mm)
0~0.1
0.8±0.1
0.4 +
0.1
−0.05
0.15+0.1
−0.06
1.1+
0.2
−0.1
2.9±0.2
0.95 0.95
1.9±0.2
Week manufactured
ROHM : SMD3
EIAJ : SC-59
!
!
!
!Absolute maximum ratings
(Ta=25
°C)
Parameter
Power dissipation
Junction temperature
Storage temperature
P
Tj
Tstg
Symbol
200
150
−55~+150
Limits
mW
Unit
˚C
˚C
∗ Total of 2 elements
!
!
!
!Electrical characteristics
(Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Zener voltage
Reverse current
Operating resistance
IZ=5mA
VZ
V
5.31
5.92
VR=2.5V
IR
µA
−−
1.00
Rising operating resistance
IZ=5mA
ZZ
−−
60
IZ=0.5mA
ZZK
−−
200
Max.
Unit
Conditions
Capacitance between terminals
CT
−−
12
f=1MHZ, VR=5V
pF


Similar Part No. - STZ56N

ManufacturerPart #DatasheetDescription
logo
Rohm
STZ5.6N ROHM-STZ5.6N Datasheet
179Kb / 3P
   Zener diode
STZ5.6N ROHM-STZ5.6N Datasheet
976Kb / 3P
   Zener diode
STZ5.6NFH ROHM-STZ5.6NFH Datasheet
778Kb / 6P
   Zener diode
STZ5.6N ROHM-STZ5.6N_11 Datasheet
976Kb / 3P
   Zener diode
More results

Similar Description - STZ56N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BTS DIODES-MMBZ5221BTS Datasheet
62Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
BZX84C2V4TS DIODES-BZX84C2V4TS_1 Datasheet
158Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 9 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_08 Datasheet
149Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
PZX363C3V9 DIODES-PZX363C3V9 Datasheet
71Kb / 3P
   FIVE ELEMENT MOUNT ZENER DIODE ARRAY
DS30450 Rev. 1 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_08 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
BZX84C2V4TS DIODES-BZX84C2V4TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_1 Datasheet
91Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 10 - 2
logo
Jiangsu Changjiang Elec...
FQZX363C5V6 JIANGSU-FQZX363C5V6 Datasheet
216Kb / 4P
   QUAD SURFACE MOUNT ZENER DIODE ARRAY
logo
Diodes Incorporated
QZX363C5V6 DIODES-QZX363C5V6_08 Datasheet
132Kb / 4P
   QUAD SURFACE MOUNT ZENER DIODE ARRAY
Rev. 13 - 2 June 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com