Electronic Components Datasheet Search |
|
SD-35318-0420 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-35318-0420 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0353180420 Status: Active Overview: minifit_jr Description: 4.20mm (.165") Pitch Mini-Fit® Header, Dual Row, Right Angle, 4 Circuits, PA Polyamide (Nylon) 6/6 94V-2, White Documents: 3D Model Product Specification PS-35317-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 35318 Application Wire-to-Board Comments Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 Mini-Fit Plus HCS™ Crimp Terminal Crimpted to to 16 AWG wire. . See Molex product specification PS-45750-001 for additional current de-rating information. Overview minifit_jr Product Name Mini-Fit® Physical Breakaway No Circuits (Loaded) 4 Circuits (maximum) 4 Color - Resin Natural Durability (mating cycles max) 30 First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Number of Rows 2 Orientation Right Angle PC Tail Length (in) 0.157 In PC Tail Length (mm) 4.00 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Bag Pitch - Mating Interface (in) 0.165 In Pitch - Mating Interface (mm) 4.20 mm Plating min: Mating (µin) 200 Plating min: Mating (µm) 5 Plating min: Termination (µin) 200 Plating min: Termination (µm) 5 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 35318Series Mates With 5557 Mini-Fit Jr.™ Receptacle Housing |
Similar Part No. - SD-35318-0420 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |