Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-35184-0402 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-35184-0402
Description  2.50mm (.098") Pitch Wire-to-Wire Plug Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35184-0402 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-35184-0402 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35184-0402 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SD-35184-0402

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-35182-0292 MOLEX4-SD-35182-0292 Datasheet
74Kb / 2P
   1.78mm (.070") Tab
SD-35183-021 MOLEX4-SD-35183-021 Datasheet
119Kb / 2P
   10.00mm (.394") Pitch, 2.36mm (.093") Diameter Female Housing
SD-35183-041 MOLEX4-SD-35183-041 Datasheet
122Kb / 2P
   8.00/10.00mm (.315/.394") Pitch
SD-35189-0110 MOLEX4-SD-35189-0110 Datasheet
63Kb / 2P
   4.75mm (.187") Tab, MP-Lock??Housing
SD-35189-0250 MOLEX4-SD-35189-0250 Datasheet
91Kb / 2P
   4.75mm (.187") Tab, MP-Lock??Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com