Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-35184-0402 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-35184-0402
Description  2.50mm (.098") Pitch Wire-to-Wire Plug Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35184-0402 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-35184-0402 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35184-0402 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351840402
Status:
Active
Description:
2.50mm (.098") Pitch Wire-to-Wire Plug Housing, Red, 4 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
35184
Product Name
N/A
Physical
Breakaway
No
Circuits (maximum)
4
Color - Resin
Natural
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-35184-**0*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35184Series
Mates With
35155 Wire-to-Board Housing, 35572 Wire-
to-Wire and Wire-to-Board Housing
Use With
35053 Wire-to-Wire Terminal
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-35184-0402

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-35182-0292 MOLEX4-SD-35182-0292 Datasheet
74Kb / 2P
   1.78mm (.070") Tab
SD-35183-021 MOLEX4-SD-35183-021 Datasheet
119Kb / 2P
   10.00mm (.394") Pitch, 2.36mm (.093") Diameter Female Housing
SD-35183-041 MOLEX4-SD-35183-041 Datasheet
122Kb / 2P
   8.00/10.00mm (.315/.394") Pitch
SD-35189-0110 MOLEX4-SD-35189-0110 Datasheet
63Kb / 2P
   4.75mm (.187") Tab, MP-Lock??Housing
SD-35189-0250 MOLEX4-SD-35189-0250 Datasheet
91Kb / 2P
   4.75mm (.187") Tab, MP-Lock??Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com