Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-30968-120 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-30968-120
Description  2.54mm (.100") Pitch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-30968-120 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-30968-120 Datasheet HTML 1Page - Molex Electronics Ltd. SD-30968-120 Datasheet HTML 2Page - Molex Electronics Ltd. SD-30968-120 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0309681127
Status:
Active
Overview:
hdac_64_dualrow_high_density_automotive_connectors
Description:
2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64™ High Density Automotive
Crimp Housing, Dual Row, 12 Circuits, Polarization Option #1, Gray
Documents:
Drawing (PDF)
Product Specification PS-30968-0001 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
30968
Comments
Polarization Option #1
Overview
hdac_64_dualrow_high_density_automotive_connectors
Product Name
H-DAC 64™
Physical
Circuits (maximum)
12
Circuits Detail
12
Color - Resin
Gray
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
7A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-30907-760
Product Specification
PS-30968-0001
Sales Drawing
SD-30968-120
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
30968Series
Mates With
30700-1***|31389-1***
Use With
34230 Terminal
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-30968-120

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-30968-120 MOLEX4-SD-30968-120 Datasheet
312Kb / 3P
   2.54mm (.100") Pitch
SD-30968-120 MOLEX4-SD-30968-120 Datasheet
312Kb / 3P
   2.54mm (.100") Pitch
SD-30968-120 MOLEX4-SD-30968-120 Datasheet
312Kb / 3P
   2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64?
SD-30968-120 MOLEX4-SD-30968-120 Datasheet
312Kb / 3P
   2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com