Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-31408-900 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-31408-900
Description  USCAR 2.54mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-31408-900 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-31408-900 Datasheet HTML 1Page - Molex Electronics Ltd. SD-31408-900 Datasheet HTML 2Page - Molex Electronics Ltd. SD-31408-900 Datasheet HTML 3Page - Molex Electronics Ltd. SD-31408-900 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0314081202
Status:
Active
Overview:
stac64_single_multipocket_and_hybrid_header_system
Description:
USCAR 2.54mm (.100”) Pitch Receptacle, 20 Circuits, Polarization C, Brown
Documents:
Drawing (PDF)
Product Specification PS-31408-100 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
31408
Comments
Polarization C
Overview
stac64_single_multipocket_and_hybrid_header_system
Product Name
USCAR
Physical
Circuits (maximum)
20
Circuits Detail
20
Color - Resin
Brown
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Resin
Modified Polystyrene
Number of Rows
2
Packaging Type
Carton
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +100°C
Electrical
Current - Maximum per Contact
10.2A
Material Info
Reference - Drawing Numbers
Application Specification
AS-31408-100
Packaging Specification
PK-31300-044
Product Specification
PS-31408-100
Sales Drawing
SD-31408-900
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
31408Series
Mates With
34691 Stac64 Right Angle Assembly. 34690
Stac64 Vertical Assembly
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-31408-900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-31408-900 MOLEX4-SD-31408-900 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle
SD-31408-900 MOLEX4-SD-31408-900 Datasheet
434Kb / 4P
   USCAR 2.54mm
SD-31408-900 MOLEX4-SD-31408-900 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle
More results

Similar Description - SD-31408-900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0314081120 MOLEX4-0314081120 Datasheet
434Kb / 4P
   USCAR 2.54mm
0314081160 MOLEX4-0314081160 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle
0314081161 MOLEX4-0314081161 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle
logo
Hirose Electric
GT5 HIROSE-GT5 Datasheet
1Mb / 22P
   USCAR specified connector as SAE/USCAR-19
logo
Mitsumi Electronics, Co...
CAM-K78A MITSUMI-CAM-K78A Datasheet
497Kb / 6P
   USCAR-30 Connector
logo
Molex Electronics Ltd.
0314081082 MOLEX4-0314081082 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 8 Circuits, Polarization C, Brown
0314081162 MOLEX4-0314081162 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 16 Circuits, Polarization C, Brown
0314081081 MOLEX4-0314081081 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 8 Circuits, Polarization B, Gray
0314081201 MOLEX4-0314081201 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 20 Circuits, Polarization B, Gray
0314081200 MOLEX4-0314081200 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 20 Circuits, Polarization A, Black
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com