Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-210PT Datasheet(PDF) 2 Page - Rohm

Part # SML-210PT
Description  Standard Type Mini-molded chip LEDs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-210PT Datasheet(HTML) 2 Page - Rohm

  SML-210PT Datasheet HTML 1Page - Rohm SML-210PT Datasheet HTML 2Page - Rohm SML-210PT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SURFACE MOUNT LED LAMPS
Electrical Characteristic Curves
Forward Current - Forward Voltage
Relative Luminous Intensity - Case Temperature
1.4
1.2
1.0
0.8
0.6
0.4
40
−20
20
0
60
80
1.6
IF=20mA
CASE TEMPERATURE : Tc
(℃)
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
15%
20%
10%
5%
f=1kHz
DC
DF=50%
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
f=1kHz
DC
15%
20%
10%
5%
DF=50%
20
10
0
010
20
30
40
50
70
80
60
90
30
AMBIENT TEMPERATURE : Ta
(℃)
1
2
2.5
3
4
5
6
PULSE DURATION : Tw
(μs)
10
520
50 10
2
10
3
10
4
1
2
2.4
3
4
5
6
PULSE DURATION : Tw
(μs)
10
520
50 10
2
10
3
10
4
FORWARD VOLTAGE : VF
(V)
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
2.0
2.5
3.0
50
Ta=25℃
SML-210PT
SML-210MT
SML-210YT
SML-210DT
SML-210VT
SML-210LT
SML-210PT
SML-210MT
SML-210YT
SML-210DT
SML-210VT
SML-210LT
SML-210PT
SML-210MT
SML-210YT
SML-210DT
SML-210VT
SML-210PT
SML-210MT
SML-210YT
SML-210DT
SML-210VT
SML-210PT
SML-210MT
SML-210YT
SML-210DT
SML-210VT
SML-210LT
SML-210LT
SML-210LT


Similar Part No. - SML-210PT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210PT ROHM-SML-210PT Datasheet
95Kb / 5P
   Small, chip LEDs
logo
List of Unclassifed Man...
SML-210PT ETC1-SML-210PT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-210PT ROHM-SML-210PT Datasheet
881Kb / 3P
   Mini-molded chip LEDs
SML-210PT ROHM-SML-210PT Datasheet
136Kb / 3P
   SML-21 Series
SML-210PT ROHM-SML-210PT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-210PT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310 ROHM-SML-310 Datasheet
418Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-410 ROHM-SML-410 Datasheet
143Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310LTT86 ROHM-SML-310LTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310VTT86 ROHM-SML-310VTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-510 ROHM-SML-510 Datasheet
253Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310MTT86 ROHM-SML-310MTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML31 ROHM-SML31 Datasheet
221Kb / 3P
   High Brightness Type Mini-molded chip LEDs
SML-210X ROHM-SML-210X Datasheet
881Kb / 3P
   Mini-molded chip LEDs
SML-412 ROHM-SML-412 Datasheet
137Kb / 3P
   High Brightness Type Mini-molded chip LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com