Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-19428-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-19428-001
Description  5.84mm (.230") Pitch MX150L?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19428-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-19428-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19428-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19428-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194280009
Status:
Active
Description:
5.84mm (.230") Pitch MX150L™ Vertical PCB Header, Single Row, Low Profile, 2
Circuits
Documents:
3D Model
Product Specification PS-19427-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E152602
General
Product Family
PCB Headers
Series
19428
Application
Wire-to-Board
Comments
Low Profile
Product Literature Order No
987650-2181
Product Name
MX150L™
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.230 In
Pitch - Mating Interface (mm)
5.84 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
18A
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Product Specification
PS-19427-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19428Series
Mates With
19418 Receptacle Assemblies


Similar Part No. - SD-19428-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-19428-006 MOLEX4-SD-19428-006 Datasheet
141Kb / 3P
   5.84mm (.230") Pitch MX150L?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com