Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-33482-161 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-33482-161
Description  3.50mm (.138") Pitch MX150??Sealed Male Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-33482-161 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-33482-161 Datasheet HTML 1Page - Molex Electronics Ltd. SD-33482-161 Datasheet HTML 2Page - Molex Electronics Ltd. SD-33482-161 Datasheet HTML 3Page - Molex Electronics Ltd. SD-33482-161 Datasheet HTML 4Page - Molex Electronics Ltd. SD-33482-161 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0334821601
Status:
Active
Overview:
mx150_sealed_connector_system
Description:
3.50mm (.138") Pitch MX150™ Sealed Male Connector, Dual Row, 16 Circuits,
Polarization A, without Connector Position Assurance, Black
Documents:
3D Model
Product Specification PS-33472-000 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
33482
Comments
No Connector Position Assurance (CPA)
More Detailed Tech Information
http://ewcap.uscarteams.org
Overview
mx150_sealed_connector_system
Product Name
MX150™
Physical
Circuits (maximum)
16
Circuits Detail
16
Color - Resin
Black, Natural
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene Alloy
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
22A
Material Info
Reference - Drawing Numbers
Application Specification
AS-33472-100
Packaging Specification
PK-30907-811, PK-31300-635
Product Specification
PS-33472-000
Sales Drawing
ES-E1AB-14A485-AA, SD-33482-161
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
33482Series
Mates With
33472 Female Dual Row Sealed Connector
Use With
33000 MX150™ Tin (Sn) Male Terminal,
33011 Gold (Au) Male Terminal
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-33482-161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-33482-161 MOLEX4-SD-33482-161 Datasheet
476Kb / 4P
   3.50mm (.138") Pitch MX150?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com