Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLB-25 Datasheet(PDF) 1 Page - Rohm

Part # SLB-25
Description  Standard Type Square Type LED Lamps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLB-25 Datasheet(HTML) 1 Page - Rohm

  SLB-25 Datasheet HTML 1Page - Rohm SLB-25 Datasheet HTML 2Page - Rohm SLB-25 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(TYP.)
Directivity
External Dimensions(Unit:mm)
SLB-25 Series
Tolerance:
±0.2
0
50
100
50
100
Relative Luminous Intensity (
%)
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Absolute Maximum Ratings(Ta=25℃)
Electrical Optical Characteristics(Ta=25℃)
*IFP measured under duty ≦1/ 5,pulse width ≦1ms.
□0.5
CATHODE
(2.5)
5.1±0.3
5.0
4−0.6
X
Y
X'
Y'
Recommemded Pad Layout
1.0
2.0
2.5
±0.1
Packaging Spacifications(Unit:mm)
Packaging
Bulk
(3F)
:1000pcs/Box
70
100
170
Standard Type Square Type LED Lamps
CONVENTIONAL LED LAMPS
Orange
Square Type
Shape
Emitting Surface
Dimension (mm)
Green
2
×5
610nm
Red
GaP
650nm
563nm
Yellow
GaAsP on GaP
585nm
SLB-25MG
SLB-25YY
SLB-25DU
SLB-25VR
SLB-25MG
SLB-25YY
SLB-25DU
SLB-25VR
Green
Yellow
60
20
60
3
-30 to +100
-25 to +85
75
25
Red
Orange
X
Y
X'
Y'
SLB-25MG
SLB-25YY
SLB-25DU
SLB-25VR
10
10
3
563
585
610
650
0.36
1.0
40
10
10
2.1
2.0
Colored
Diffused
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
VR
(V)
∆λ
(Unit:mm)
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
°C)
Stotage
temperature
Tstg
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave


Similar Part No. - SLB-25

ManufacturerPart #DatasheetDescription
logo
Rohm
SLB-25DU ROHM-SLB-25DU Datasheet
129Kb / 3P
   SLB-25 Series
SLB-25MG ROHM-SLB-25MG Datasheet
129Kb / 3P
   SLB-25 Series
SLB-25MG3F ROHM-SLB-25MG3F Datasheet
129Kb / 3P
   SLB-25 Series
SLB-25VR ROHM-SLB-25VR Datasheet
129Kb / 3P
   SLB-25 Series
SLB-25YY ROHM-SLB-25YY Datasheet
129Kb / 3P
   SLB-25 Series
More results

Similar Description - SLB-25

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L55 BETLUX-BL-L55 Datasheet
230Kb / 4P
   5mm square type LED Lamps
logo
LIGITEK electronics co....
L12UY9653R-30B-AM LIGITEK-L12UY9653R-30B-AM Datasheet
111Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653-30B LIGITEK-LURF9653-30B Datasheet
126Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653S-30B LIGITEK-LURF9653S-30B Datasheet
111Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LDBK9653-00 LIGITEK-LDBK9653-00 Datasheet
126Kb / 7P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-30B LIGITEK-LUY9653H-30B Datasheet
112Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-50A LIGITEK-LUY9653H-50A Datasheet
113Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
LDGM9653Z-30B LIGITEK-LDGM9653Z-30B Datasheet
112Kb / 6P
   SQUARE WITH 4LEADS TYPE LED LAMPS
logo
Everlight Electronics C...
583SURD EVERLIGHT-583SURD Datasheet
78Kb / 4P
   5.0*5.0mm Square Type LED Lamps
583SYGD-S530-E2 EVERLIGHT-583SYGD-S530-E2 Datasheet
116Kb / 6P
   5.0*5.0mm Square Type LED Lamps
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com