Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-19070-004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-19070-004
Description  InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19070-004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-19070-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19070-004 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19070-004 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190700083
Status:
Active
Description:
InsulKrimp™ Ring Tongue Terminal for 14-16 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19070
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-2
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
5-6 (M3-3.5)
Wire Insulation Diameter
4.40mm (.175") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Material Info
Old Part Number
BB-237-06X
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
SD-19070-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19070Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640010300
Hand Crimp Tool
0640011400
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640051400


Similar Part No. - SD-19070-004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-19070-004 MOLEX4-SD-19070-004 Datasheet
135Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
SD-19070-004 MOLEX4-SD-19070-004 Datasheet
134Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
SD-19070-004 MOLEX4-SD-19070-004 Datasheet
134Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
SD-19070-004 MOLEX4-SD-19070-004 Datasheet
133Kb / 3P
   RING INSULKRIMP TAPED (BB-237-06XT)
More results

Similar Description - SD-19070-004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190700104 MOLEX4-0190700104 Datasheet
133Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700072 MOLEX4-0190700072 Datasheet
133Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700070 MOLEX4-0190700070 Datasheet
133Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700059 MOLEX4-0190700059 Datasheet
135Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700099 MOLEX4-0190700099 Datasheet
135Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700090 MOLEX4-0190700090 Datasheet
134Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700071 MOLEX4-0190700071 Datasheet
135Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700063 MOLEX4-0190700063 Datasheet
135Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700067 MOLEX4-0190700067 Datasheet
134Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700078 MOLEX4-0190700078 Datasheet
135Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
0190700065 MOLEX4-0190700065 Datasheet
135Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com